Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILC7011AIC525X Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # ILC7011AIC525X
Description  80mA SC70 Low Noise CMOS RF-LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ILC7011AIC525X Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button ILC7011AIC525X Datasheet HTML 3Page - Fairchild Semiconductor ILC7011AIC525X Datasheet HTML 4Page - Fairchild Semiconductor ILC7011AIC525X Datasheet HTML 5Page - Fairchild Semiconductor ILC7011AIC525X Datasheet HTML 6Page - Fairchild Semiconductor ILC7011AIC525X Datasheet HTML 7Page - Fairchild Semiconductor ILC7011AIC525X Datasheet HTML 8Page - Fairchild Semiconductor ILC7011AIC525X Datasheet HTML 9Page - Fairchild Semiconductor ILC7011AIC525X Datasheet HTML 10Page - Fairchild Semiconductor ILC7011AIC525X Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
ILC7010/7011
PRODUCT SPECIFICATION
10
REV. 1.0.5 3/21/02
Mechanical Dimensions
5 Lead SC70
2.00±0.20
1.25±0.10
0.25
1.9
0.65
.5 min
0.4 min
LAND PATTERN RECOMMENDATION
SEE DETAIL A
0.10
0.00
0.25
0.10
0.45
0.10
0.20
0.9±.10
6.00°
6.00°
R0.14
R0.10
0.20
GAGE PLANE
0.425 NOMINAL
DETAIL A
NOTES:
A. CONFORMS TO EIAJ REGISTERED OUTLINE DRAWING SC88A.
B. DIMENSIONS DO NOT INCLUDE BURRS OR MOLD FLASH.
C. DIMENSIONS ARE IN MILLIMETERS.
0°-30°
0.95±.15
max 0.1
max 0.1
M
+0.10
-0.05
2.10±0.10
0.65
54
3
2
1
-A-
-B-


Similar Part No. - ILC7011AIC525X

ManufacturerPart #DatasheetDescription
logo
Impala Linear Corporati...
ILC7011 IMPALA-ILC7011 Datasheet
46Kb / 4P
   80mA SC70 Ultra Low Noise CMOS RF-LDO??Regulator
ILC7011C5-28 IMPALA-ILC7011C5-28 Datasheet
46Kb / 4P
   80mA SC70 Ultra Low Noise CMOS RF-LDO??Regulator
ILC7011C5-30 IMPALA-ILC7011C5-30 Datasheet
46Kb / 4P
   80mA SC70 Ultra Low Noise CMOS RF-LDO??Regulator
ILC7011C5-33 IMPALA-ILC7011C5-33 Datasheet
46Kb / 4P
   80mA SC70 Ultra Low Noise CMOS RF-LDO??Regulator
ILC7011C5-36 IMPALA-ILC7011C5-36 Datasheet
46Kb / 4P
   80mA SC70 Ultra Low Noise CMOS RF-LDO??Regulator
More results

Similar Description - ILC7011AIC525X

ManufacturerPart #DatasheetDescription
logo
Impala Linear Corporati...
ILC7010 IMPALA-ILC7010 Datasheet
50Kb / 4P
   80MA SC70 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
ILC7011 IMPALA-ILC7011 Datasheet
46Kb / 4P
   80mA SC70 Ultra Low Noise CMOS RF-LDO??Regulator
logo
Taiwan Semiconductor Co...
TS5204 TSC-TS5204_13 Datasheet
205Kb / 9P
   80mA Low Noise LDO Voltage Regulator
TS5213 TSC-TS5213_15 Datasheet
310Kb / 8P
   80mA Low Noise LDO Voltage Regulator with Enable Function
TS5213 TSC-TS5213_10 Datasheet
550Kb / 8P
   80mA Low Noise LDO Voltage Regulator with Enable Function
TS5213 TSC-TS5213 Datasheet
411Kb / 8P
   80mA Low Noise LDO Voltage Regulator with Enable Function
logo
National Semiconductor ...
LMS5213 NSC-LMS5213 Datasheet
271Kb / 10P
   80mA, uCap, Low Dropout Voltage Regulator in SC70
logo
Fairchild Semiconductor
ILC7083 FAIRCHILD-ILC7083 Datasheet
472Kb / 16P
   150mA SOT-23 Low Noise CMOS RF-LDO??Regulator
logo
Exar Corporation
SP6260 EXAR-SP6260_11 Datasheet
738Kb / 13P
   200mA RF Low Noise LDO Regulator
logo
Global Mixed-mode Techn...
AT1203 GMT-AT1203 Datasheet
199Kb / 2P
   Low Noise, 300mA CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com