Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STC12C0154 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # STC12C0154
Description  STC12C2052AD
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STC12C0154 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  STC12C0154 Datasheet HTML 1Page - List of Unclassifed Manufacturers STC12C0154 Datasheet HTML 2Page - List of Unclassifed Manufacturers STC12C0154 Datasheet HTML 3Page - List of Unclassifed Manufacturers STC12C0154 Datasheet HTML 4Page - List of Unclassifed Manufacturers STC12C0154 Datasheet HTML 5Page - List of Unclassifed Manufacturers STC12C0154 Datasheet HTML 6Page - List of Unclassifed Manufacturers STC12C0154 Datasheet HTML 7Page - List of Unclassifed Manufacturers STC12C0154 Datasheet HTML 8Page - List of Unclassifed Manufacturers STC12C0154 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 71 page
background image
宏晶科技:www.MCU-Memory.com   Mobile:13922805190(姚永平)   Tel:0755-82948409    Fax: 0755-82944243
宏晶科技:专业单片机 / 存储器供应商   www.MCU-Memory.com   STC12C2052AD 系列 1T 8051 单片机中文指南
         STC12C2052AD 系列 1T 单片机简介
    STC12C2052 系列单片机是单时钟 / 机器周期(1T)的兼容 8051 内核单片机,是高速 / 低
功耗的新一代 8051 单片机,全新的流水线 / 精简指令集结构。
特点 :
1.增强型 1T 流水线 / 精简指令集结构 8051 CPU
3.工作频率范围:0 - 35 MHz,相当于普通 8051 的  0~420MHz
4.用户应用程序空间 512 / 1K / 2K / 3K / 4K / 5K 字节
5.片上集成 256 字节 RAM
8.共 2 个 16 位定时器 / 计数器
9.PWM(2 路)/PCA (可编程计数器阵列)
10.ADC, 8 路 8 位精度
11. 通用异步串行口(UART)
12. SPI 同步通信口, 主模式 / 从模式
13.看门狗
16.工作温度范围: 0 - 75℃ / -40 - +85℃
15.ISP/IAP
2.工作电压:2.4V - 3.8V / 3.4V - 5.5V
17.封装: PDIP-20,SOP-20(宽体),TSSOP-20(超小封状,定货)
14.内部集成 R/C 振荡器,精度要求不高时可省外部晶体
7.EEPROM 功能
18.供货:现已开始批量供货(PDIP-20/SOP-20),欢迎提前定货(2-4 周)
  STC12C2052AD 系列的后续产品是 STC12C1254AD 系列
6.15 个通用 I/O 口,复位后为:  准双向口 / 弱上拉
    可设置成四种模式:准双向口 / 弱上拉,推挽 / 强上拉,仅为输入 / 高阻,开漏
1.内部 RAM 增加到 512 字节
2.内部 I/O 口 增加到 23 个(PDIP-28/SOP-28), PLCC-32 为 27 个
3.内部 PCA/PWM 模块 增加到 4 个
4.内部 A/D 模块 提升到 10 位 精度
5.内部 Flash 程序空间为 1K / 2K / 4K / 6K / 8K / 10K / 12K
6.封装:PDIP-28(窄体),SOP-28,PLCC-32,PDIP-20,SOP-20
7.供货:2005-12-1 开始提供样品(PDIP-28/SOP-28),2005 年 12 月底批量供货


Similar Part No. - STC12C0154

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STC12C5402 ETC1-STC12C5402 Datasheet
1Mb / 149P
   STC12C5410AD
STC12C5402AD ETC1-STC12C5402AD Datasheet
1Mb / 149P
   STC12C5410AD
STC12C5404 ETC1-STC12C5404 Datasheet
1Mb / 149P
   STC12C5410AD
STC12C5404AD ETC1-STC12C5404AD Datasheet
1Mb / 149P
   STC12C5410AD
STC12C5406 ETC1-STC12C5406 Datasheet
1Mb / 149P
   STC12C5410AD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com