Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILD205T Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ILD205T
Description  Optocoupler, Phototransistor Output, Dual Channel, SOIC-8 package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILD205T Datasheet(HTML) 2 Page - Vishay Siliconix

  ILD205T Datasheet HTML 1Page - Vishay Siliconix ILD205T Datasheet HTML 2Page - Vishay Siliconix ILD205T Datasheet HTML 3Page - Vishay Siliconix ILD205T Datasheet HTML 4Page - Vishay Siliconix ILD205T Datasheet HTML 5Page - Vishay Siliconix ILD205T Datasheet HTML 6Page - Vishay Siliconix ILD205T Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
2
Document Number 83647
Rev. 1.4, 26-Oct-04
ILD205T/ 206T/ 207T/ 211T/ 213T/ 217T
Vishay Semiconductors
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Stresses in excess of the absolute Maximum Ratings can cause permanent damage to the device. Functional operation of the device is
not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
Maximum Rating for extended periods of the time can adversely affect reliability.
Input
Output
Coupler
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
Input
Parameter
Test condition
Symbol
Value
Unit
Peak reverse voltage
VR
6.0
V
Peak pulsed current
1.0
µs, 300 pps
1.0
A
Continuous forward current per
channel
30
mA
Power dissipation
Pdiss
50
mW
Derate linearly from 25 °C
0.66
mW/°C
Parameter
Test condition
Symbol
Value
Unit
Collector-emitter breakdown voltage
BVCEO
70
V
Emitter-collector breakdown voltage
BVECO
7.0
V
Power dissipation per channel
Pdiss
125
mW
Derate linearly from 25 °C
1.67
mW/°C
Parameter
Test condition
Symbol
Value
Unit
Total package dissipation
ambient (2 LEDs + 2 detectors,
2 channels)
Ptot
300
mW
Derate linearly from 25 °C
4.0
mW/°C
Storage temperature
Tstg
- 55 to + 150
°C
Operating temperature
Tamb
- 55 to + 100
°C
Soldering time from 260 °C
Tsld
10
sec.
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 10 mA
VF
1.2
1.55
V
Reverse current
VR = 6.0 V
IR
0.1
100
µA
Capacitance
VR = 0
CO
25
pF


Similar Part No. - ILD205T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILD205T VISHAY-ILD205T Datasheet
153Kb / 8P
   Optocoupler, Phototransistor Output, Dual Channel, SOIC-8 Package
Rev. 2.1, 23-Oct-15
ILD205T VISHAY-ILD205T Datasheet
150Kb / 8P
   Optocoupler, Phototransistor Output, Dual Channel, SOIC-8 Package
01-Jan-2022
ILD205T VISHAY-ILD205T Datasheet
150Kb / 8P
   Optocoupler, Phototransistor Output, Dual Channel, SOIC-8 Package
01-Jan-2023
ILD205T VISHAY-ILD205T_15 Datasheet
153Kb / 8P
   Optocoupler, Phototransistor Output, Dual Channel, SOIC-8 Package
Rev. 2.1, 23-Oct-15
ILD205T VISHAY-ILD205T_V02 Datasheet
150Kb / 8P
   Optocoupler, Phototransistor Output, Dual Channel, SOIC-8 Package
01-Jan-2023
More results

Similar Description - ILD205T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILD205T VISHAY-ILD205T_15 Datasheet
153Kb / 8P
   Optocoupler, Phototransistor Output, Dual Channel, SOIC-8 Package
Rev. 2.1, 23-Oct-15
ILD217T VISHAY-ILD217T_V01 Datasheet
87Kb / 4P
   Optocoupler, Phototransistor Output, Dual Channel, SOIC-8 Package
01-Jan-2022
VOD205T VISHAY-VOD205T_V01 Datasheet
122Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel, SOIC-8 Package
01-Jan-2022
VOD205T VISHAY-VOD205T_V02 Datasheet
122Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel, SOIC-8 Package
01-Jan-2023
ILD205T VISHAY-ILD205T_V02 Datasheet
150Kb / 8P
   Optocoupler, Phototransistor Output, Dual Channel, SOIC-8 Package
01-Jan-2023
ILD217T VISHAY-ILD217T_V02 Datasheet
88Kb / 4P
   Optocoupler, Phototransistor Output, Dual Channel, SOIC-8 Package
01-Jan-2023
ILD217T VISHAY-ILD217T Datasheet
90Kb / 4P
   Optocoupler, Phototransistor Output, Dual Channel, SOIC-8 Package
Rev. 1.0, 23-Jul-14
ILD213T VISHAY-ILD213T_V01 Datasheet
150Kb / 8P
   Optocoupler, Phototransistor Output, Dual Channel, SOIC-8 Package
01-Jan-2022
VOD205T VISHAY-VOD205T Datasheet
121Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel, SOIC-8 Package
Rev. 1.2, 23-Nov-12
logo
ON Semiconductor
MOCD207M ONSEMI-MOCD207M Datasheet
238Kb / 9P
   8-pin SOIC Dual-Channel Phototransistor Output Optocoupler
October, 2018 - Rev. 6
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com