Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-J314-300 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HCPL-J314-300
Description  0.4 Amp Output Current IGBT Gate Drive Optocoupler
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-J314-300 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HCPL-J314-300 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-J314-300 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-J314-300 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-J314-300 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-J314-300 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-J314-300 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-J314-300 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-J314-300 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-J314-300 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
0
0
TS – CASE TEMPERATURE – °C
200
600
400
25
800
50
75 100
200
150 175
PS (mW)
125
100
300
500
700
IS (mA)
IEC/EN/DIN EN 60747-5-2 Insulation Characteristics
Description
Symbol
Characteristic
Unit
Installation classification per DIN VDE 0110/1.89, Table 1
for rated mains voltage
≤ 150 Vrms
I - IV
for rated mains voltage
≤ 300 Vrms
I - III
for rated mains voltage
≤ 600 Vrms
I-II
Climatic Classification
55/100/21
Pollution Degree (DIN VDE 0110/1.89)
2
Maximum Working Insulation Voltage
VIORM
891
Vpeak
Input to Output Test Voltage, Method b*
VIORM x 1.875=VPR, 100% Production Test with
VPR
1670
Vpeak
tm=1 sec, Partial discharge < 5 pC
Input to Output Test Voltage, Method a*
VIORM x 1.5=VPR, Type and Sample Test, tm=60 sec,
VPR
1336
Vpeak
Partial discharge < 5 pC
Highest Allowable Overvoltage
VIOTM
6000
Vpeak
(Transient Overvoltage tini = 10 sec)
Safety-limiting values - maximum values allowed in the
event of a failure.
Case Temperature
TS
175
°C
Input Current**
IS,INPUT
400
mA
Output Power**
PS, OUTPUT
1200
mW
Insulation Resistance at TS, VIO = 500 V
RS
>109
* Refer to the optocoupler section of the Isolation and Control Components Designer’s Catalog, under Product Safety Regulations
section, IEC/EN/DIN EN 60747-5-2 for a detailed description of Method a and Method b partial discharge test profiles.
** Refer to the following figure for dependence of PS and IS on ambient temperature.


Similar Part No. - HCPL-J314-300

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
More results

Similar Description - HCPL-J314-300

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0314-000E AVAGO-HCPL-0314-000E Datasheet
424Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302-500 AVAGO-HCPL-0302-500 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-T251-500E AVAGO-HCPL-T251-500E Datasheet
259Kb / 6P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3140-000E AVAGO-HCPL-3140-000E Datasheet
424Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3020-500E AVAGO-HCPL-3020-500E Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302 AVAGO-HCPL-0302 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J Datasheet
287Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com