Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STC12C2052 Datasheet(PDF) 69 Page - List of Unclassifed Manufacturers

Part No. STC12C2052
Description  STC12C2052AD
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STC12C2052 Datasheet(HTML) 69 Page - List of Unclassifed Manufacturers

Back Button STC12C2052 Datasheet HTML 63Page - List of Unclassifed Manufacturers STC12C2052 Datasheet HTML 64Page - List of Unclassifed Manufacturers STC12C2052 Datasheet HTML 65Page - List of Unclassifed Manufacturers STC12C2052 Datasheet HTML 66Page - List of Unclassifed Manufacturers STC12C2052 Datasheet HTML 67Page - List of Unclassifed Manufacturers STC12C2052 Datasheet HTML 68Page - List of Unclassifed Manufacturers STC12C2052 Datasheet HTML 69Page - List of Unclassifed Manufacturers STC12C2052 Datasheet HTML 70Page - List of Unclassifed Manufacturers STC12C2052 Datasheet HTML 71Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 69 / 71 page
background image
附录G : STC12C1254AD 系列单片机选型一览(全部 ISP 功能)
                  -----2005-12-1 供货
工作
电压 (V)
Flash
 程序
存储器
字节
SRAM
字节
UART
PCA
PWM
A/D
8路
I/O
内置
复位
EEP
ROM
字节
封装
28-Pin
STC12C0154
3.4 - 5.5
1K
512
4路
23
有 DIP/SOP
STC12C0154AD
3.4 - 5.5
1K
512
4路
23
有 DIP/SOP
STC12C0254
3.4 - 5.5
2K
512
4路
23
有 DIP/SOP
STC12C0254AD
3.4 - 5.5
2K
512
4路
23
有 DIP/SOP
STC12C0454
3.4 - 5.5
4K
512
4路
23
有 DIP/SOP
STC12C0454AD
3.4 - 5.5
4K
512
4路
23
有 DIP/SOP
STC12C0654
3.4 - 5.5
6K
512
4路
23
有 DIP/SOP
STC12C0654AD
3.4 - 5.5
6K
512
4路
23
有 DIP/SOP
STC12C0854
3.4 - 5.5
8K
512
4路
23
有 DIP/SOP
STC12C0854AD
3.4 - 5.5
8K
512
4路
23
有 DIP/SOP
STC12C1054
3.4 - 5.5
10K
512
4路
23
有 DIP/SOP
STC12C1054AD
3.4 - 5.5
10K
512
4路
23
有 DIP/SOP
STC12C1254
3.4 - 5.5
12K
512
4路
23
有 DIP/SOP
STC12C1254AD
3.4 - 5.5
12K
512
4路
23
有 DIP/SOP
STC12LE0154
2.0 - 3.8
1K
512
4路
23
有 DIP/SOP
STC12LE0154AD
2.0 - 3.8
1K
512
4路
23
有 DIP/SOP
STC12LE0254
2.0 - 3.8
2K
512
4路
23
有 DIP/SOP
STC12LE0254AD
2.0 - 3.8
2K
512
4路
23
有 DIP/SOP
STC12LE0454
2.0 - 3.8
4K
512
4路
23
有 DIP/SOP
STC12LE0454AD
2.0 - 3.8
4K
512
4路
23
有 DIP/SOP
STC12LE0654
2.0 - 3.8
6K
512
4路
23
有 DIP/SOP
STC12LE0654AD
2.0 - 3.8
6K
512
4路
23
有 DIP/SOP
STC12LE0854
2.0 - 3.8
8K
512
4路
23
有 DIP/SOP
STC12LE0854AD
2.0 - 3.8
8K
512
4路
23
有 DIP/SOP
STC12LE1054
2.0 - 3.8
10K
512
4路
23
有 DIP/SOP
STC12LE1054AD
2.0 - 3.8
10K
512
4路
23
有 DIP/SOP
STC12LE1254
2.0 - 3.8
12K
512
4路
23
有 DIP/SOP
STC12LE1254AD
2.0 - 3.8
12K
512
4路
23
有 DIP/SOP


Similar Part No. - STC12C2052

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
STC12C5402 ETC1-STC12C5402 Datasheet
1Mb / 149P
   STC12C5410AD
STC12C5402AD ETC1-STC12C5402AD Datasheet
1Mb / 149P
   STC12C5410AD
STC12C5404 ETC1-STC12C5404 Datasheet
1Mb / 149P
   STC12C5410AD
STC12C5404AD ETC1-STC12C5404AD Datasheet
1Mb / 149P
   STC12C5410AD
STC12C5406 ETC1-STC12C5406 Datasheet
1Mb / 149P
   STC12C5410AD
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz