Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STC12C2052 Datasheet(PDF) 63 Page - List of Unclassifed Manufacturers

Part No. STC12C2052
Description  STC12C2052AD
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STC12C2052 Datasheet(HTML) 63 Page - List of Unclassifed Manufacturers

Back Button STC12C2052 Datasheet HTML 59Page - List of Unclassifed Manufacturers STC12C2052 Datasheet HTML 60Page - List of Unclassifed Manufacturers STC12C2052 Datasheet HTML 61Page - List of Unclassifed Manufacturers STC12C2052 Datasheet HTML 62Page - List of Unclassifed Manufacturers STC12C2052 Datasheet HTML 63Page - List of Unclassifed Manufacturers STC12C2052 Datasheet HTML 64Page - List of Unclassifed Manufacturers STC12C2052 Datasheet HTML 65Page - List of Unclassifed Manufacturers STC12C2052 Datasheet HTML 66Page - List of Unclassifed Manufacturers STC12C2052 Datasheet HTML 67Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 71 page
background image
宏晶科技:www.MCU-Memory.com   Mobile:13922805190(姚永平)   Tel:0755-82948409    Fax: 0755-82944243
宏晶科技:专业单片机 / 存储器供应商   www.MCU-Memory.com   STC12C2052AD 系列 1T 8051 单片机中文指南
63
SPI 状态寄存器的位分配(SPSTAT – 地址:84h)
SPI 状态寄存器的位描述(SPSTAT – 地址:84h)
符号
SPIF
WCOL
复位
符号
符号
SPIF
SPI 传输完成标志。当一次串行传输完成时,SPIF 置位,并当ESPI
和EA 都置位时产生中断。当SPI 处于主模式且SSIG=0 时,如果/SS 为输入
并被驱动为低电平,SPIF 也将置位。SPIF标志通过软件向其写入“1”清零。
WCOL
SPI 写冲突标志。在数据传输的过程中如果对SPI 数据寄存器SPDAT 执行写
操作,WCOL 将置位。WCOL 标志通过软件向其写入“1”清零。
5 - 0
保留
  SPI 数据寄存器的位分配(SPDAT – 地址:86h)
符号
MSB
LSB
复位
 SPDAT.7 - SPDAT.0:      传输的数据位 Bit7~Bit0


Similar Part No. - STC12C2052

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
STC12C5402 ETC1-STC12C5402 Datasheet
1Mb / 149P
   STC12C5410AD
STC12C5402AD ETC1-STC12C5402AD Datasheet
1Mb / 149P
   STC12C5410AD
STC12C5404 ETC1-STC12C5404 Datasheet
1Mb / 149P
   STC12C5410AD
STC12C5404AD ETC1-STC12C5404AD Datasheet
1Mb / 149P
   STC12C5410AD
STC12C5406 ETC1-STC12C5406 Datasheet
1Mb / 149P
   STC12C5410AD
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz