Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STC12C2052 Datasheet(PDF) 62 Page - List of Unclassifed Manufacturers

Part No. STC12C2052
Description  STC12C2052AD
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STC12C2052 Datasheet(HTML) 62 Page - List of Unclassifed Manufacturers

Back Button STC12C2052 Datasheet HTML 58Page - List of Unclassifed Manufacturers STC12C2052 Datasheet HTML 59Page - List of Unclassifed Manufacturers STC12C2052 Datasheet HTML 60Page - List of Unclassifed Manufacturers STC12C2052 Datasheet HTML 61Page - List of Unclassifed Manufacturers STC12C2052 Datasheet HTML 62Page - List of Unclassifed Manufacturers STC12C2052 Datasheet HTML 63Page - List of Unclassifed Manufacturers STC12C2052 Datasheet HTML 64Page - List of Unclassifed Manufacturers STC12C2052 Datasheet HTML 65Page - List of Unclassifed Manufacturers STC12C2052 Datasheet HTML 66Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 71 page
background image
宏晶科技:www.MCU-Memory.com   Mobile:13922805190(姚永平)   Tel:0755-82948409    Fax: 0755-82944243
宏晶科技:专业单片机 / 存储器供应商   www.MCU-Memory.com   STC12C2052AD 系列 1T 8051 单片机中文指南
62
符号
描 述
SPR0
SPR0/SPR1是SPI 时钟速率选择控制位。
SPR1
SPR1, SPR0:
  0        0       -CPU_CLK/4
  0        1       -CPU_CLK/16
  1        0       -CPU_CLK/64
  1        1       -CPU_CLK/128
CPHA
SPI 时钟相位选择(见SPI图4~图7):
1:数据在SPICLK 的前时钟沿驱动,并在后时钟沿采样。
0:数据在/SS 为低(SSIG=00)时被驱动,在SPICLK 的后时钟
沿被改变,并在前时钟沿被采样。
(注:SSIG=1 时的操作未定义)
CPOL
SPI 时钟极性(见SPI图4~图7):
1:SPICLK 空闲时为高电平。SPICLK 的前时钟沿为下降沿而后沿为上升沿。
0:SPICLK 空闲时为低电平。SPICLK 的前时钟沿为上升沿而后沿为下降沿。
MSTR
主/从模式选择(见SPI 主从选择表)。
DORD
SPI 数据顺序:
1:数据字的LSB(最低位) 最先发送;0:数据字的MSB(最高位) 最先发送。
SPEN
SPI 使能。
1:SPI 使能。
0:SPI 被禁止,所有SPI 管脚都作为I/O 口使用。
SSIG
/SS 忽略。
1:MSTR(位4)确定器件为主机还是从机。
0:/SS 脚用于确定器件为主机还是从机。/SS 脚可作为I/O 口使用(见SPI 主
从选择表)。
SPI 控制寄存器的位描述(SP CT L – 地址:8 5h)
符号
SSIG
SPEN
DORD
MSTR
CPOL
CPHA
SPR1
SPR0
复位
SPI  控制寄存器的位分配(SPCTL- 地址:85h )


Similar Part No. - STC12C2052

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
STC12C5402 ETC1-STC12C5402 Datasheet
1Mb / 149P
   STC12C5410AD
STC12C5402AD ETC1-STC12C5402AD Datasheet
1Mb / 149P
   STC12C5410AD
STC12C5404 ETC1-STC12C5404 Datasheet
1Mb / 149P
   STC12C5410AD
STC12C5404AD ETC1-STC12C5404AD Datasheet
1Mb / 149P
   STC12C5410AD
STC12C5406 ETC1-STC12C5406 Datasheet
1Mb / 149P
   STC12C5410AD
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz