Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STC12C2052 Datasheet(PDF) 57 Page - List of Unclassifed Manufacturers

Part No. STC12C2052
Description  STC12C2052AD
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STC12C2052 Datasheet(HTML) 57 Page - List of Unclassifed Manufacturers

Back Button STC12C2052 Datasheet HTML 53Page - List of Unclassifed Manufacturers STC12C2052 Datasheet HTML 54Page - List of Unclassifed Manufacturers STC12C2052 Datasheet HTML 55Page - List of Unclassifed Manufacturers STC12C2052 Datasheet HTML 56Page - List of Unclassifed Manufacturers STC12C2052 Datasheet HTML 57Page - List of Unclassifed Manufacturers STC12C2052 Datasheet HTML 58Page - List of Unclassifed Manufacturers STC12C2052 Datasheet HTML 59Page - List of Unclassifed Manufacturers STC12C2052 Datasheet HTML 60Page - List of Unclassifed Manufacturers STC12C2052 Datasheet HTML 61Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 71 page
background image
宏晶科技:www.MCU-Memory.com   Mobile:13922805190(姚永平)   Tel:0755-82948409    Fax: 0755-82944243
宏晶科技:专业单片机 / 存储器供应商   www.MCU-Memory.com   STC12C2052AD 系列 1T 8051 单片机中文指南
57
Step1/ 步骤 1:选择你所使用的单片机型号,如 STC12C2052,STC12C4052AD 等
Step2/ 步骤 2:打开文件,要烧录用户程序,必须调入用户的程序代码(*.bin, *.hex)
Step3/ 步骤 3:选择串行口,你所使用的电脑串口,如串行口 1--COM1, 串行口 2--COM2,...
有些新式笔记本电脑没有 RS-232 串行口,可买一条 USB-RS232 转接器,人民币 70 元左右。
Step4/ 步骤 4:暂时无效  。但您应在选项里选择是用内部 R/C 振荡器做时钟还是不是
Step5/ 步骤 5:选择“Download/ 下载”按钮下载用户的程序进单片机内部,可重复执行
               Step5/ 步骤 5, 也可选择“Re-Download/ 重复下载”按钮
下载时注意看提示,主要看是否要给单片机上电或复位,  下载速度比一般通用编程器快。
一定要先选择“Download/ 下载”按钮,然后再给单片机上电复位( 先彻底断电) ,而不要
    先上电,先上电,检测不到合法的下载命令流,单片机就直接跑用户程序了。
关于硬件连接
(1). MCU/单片机  RXD(P3.0)  ---  RS-232转换器  ---  PC/电脑  TXD(COM Port Pin3)
(2). MCU/单片机  TXD(P3.1)  ---  RS-232转换器  ---  PC/电脑  RXD(COM Port Pin2)
(3). MCU/单片机  GND        ----------------------  PC/电脑  GND(COM Port Pin5)
(4). 如果您的系统 P3.0/P3.1 连接到 RS-485 电路,推荐
         在选项里选则“下次冷启动需要 P1.0/P1.1 = 0,0 才判 P3.0/RxD 有无合法下载命令流”
         这样冷启动后如 P1.0, P1.1 不同时0,单片机直接运行用户程序
(5). RS-232转换器可选用STC232/MAX232/SP232(4.5-5.5V),STC3232/MAX3232/SP3232(3V-5.5V).
 STC232/MAX232/SP232 尽量选用 SOP 封装(窄体),SP3232 尽量选用 SSOP 封装(SP3232EEA)
一次同时烧录进单片机,
除每次均要指定缓冲区起
始地址外,第二次及以
后不能清缓冲区
第一次调文件进缓冲区,
要调几个文件进缓冲区,
要清缓冲区。
用户根据需要限制最高通信波
特率,如 38400,9600
大批量生产时使用


Similar Part No. - STC12C2052

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
STC12C5402 ETC1-STC12C5402 Datasheet
1Mb / 149P
   STC12C5410AD
STC12C5402AD ETC1-STC12C5402AD Datasheet
1Mb / 149P
   STC12C5410AD
STC12C5404 ETC1-STC12C5404 Datasheet
1Mb / 149P
   STC12C5410AD
STC12C5404AD ETC1-STC12C5404AD Datasheet
1Mb / 149P
   STC12C5410AD
STC12C5406 ETC1-STC12C5406 Datasheet
1Mb / 149P
   STC12C5410AD
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz