Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STC12C2052 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # STC12C2052
Description  STC12C2052AD
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STC12C2052 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button STC12C2052 Datasheet HTML 8Page - List of Unclassifed Manufacturers STC12C2052 Datasheet HTML 9Page - List of Unclassifed Manufacturers STC12C2052 Datasheet HTML 10Page - List of Unclassifed Manufacturers STC12C2052 Datasheet HTML 11Page - List of Unclassifed Manufacturers STC12C2052 Datasheet HTML 12Page - List of Unclassifed Manufacturers STC12C2052 Datasheet HTML 13Page - List of Unclassifed Manufacturers STC12C2052 Datasheet HTML 14Page - List of Unclassifed Manufacturers STC12C2052 Datasheet HTML 15Page - List of Unclassifed Manufacturers STC12C2052 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 71 page
background image
宏晶科技:www.MCU-Memory.com   Mobile:13922805190(姚永平)   Tel:0755-82948409    Fax: 0755-82944243
宏晶科技:专业单片机 / 存储器供应商   www.MCU-Memory.com   STC12C2052AD 系列 1T 8051 单片机中文指南
12
STC12C2052AD 系列 8051 单片机内核特殊功能寄存器   C51 Core SFRs
Mnemonic Add
Name
 7
 6
 5
 4
 3
 2
 1
 0
Reset Value
ACC
E0h
Accumulator
0000,0000
F0h
B Register
0000,0000
PSW
D0h
Program Status Word
CY AC F0 RS1 RS0 OV  F1  P
0000,0000
SP
81h Stack Pointer
0000,0111
DPL
82h
Data Pointer Low Byte
0000,0000
DPH
83h
Data Pointer High Byte
0000,0000
STC12C2052AD 系列 8051 单片机系统管理特殊功能寄存器 System Management SFRs
Mnemonic Add Name
  7
 6
 5
 4
 3
 2
 0
Reset value
PCON
87h Power  Control
SMOD
 SMOD0
 LVDF
POF
GF1
GF0
   PD
IDL
0011,0000
AUXR
8Eh Auxiliary  Register  T0x12  T1x12  UART_M0x6  EADCI  ESPI
 ELVDI
0000,00xx
IDLE_CLK C7h Clock  Divder
IDLCLKS2 IDLCLKS1 IDLCLKS0 xxxx,x000
STC12C2052AD 系列 8051 单片机 中断 特殊功能寄存器 Interrupt SFRs
Mnemonic Add
Name
 7
 6
   5
 4
 3
 2
 1
 0
Reset Value
IE
A8h
Interrupt  Enable
EA
 EPCA
ESPI
ES ET1
EX1
ET0
EX0
0000,0000
IP
B8h
Interrupt  Priority  Low
 -
 PPCA
PSPI
PS PT1
PX1
PT0
PX0
xx00,0000
IPH
B7h
Interrupt  Priority  High
 -
PPCAH PSPIH PSH PT1H PX1H PT0H PX0H 0000,0000
STC12C2052AD 系列 8051 单片机 I/O 口 特殊功能寄存器   Port SFRs
Mnemonic
Add
      Name
 7
 6
 5
 4
 3
 2
 1
 0
Reset Value
P1
90h
8-bit  Port 1
P1.7 P1.6 P1.5 P1.4 P1.3 P1.2 P1.1 P1.0 1111,1111
P1M0
91h
0000,0000
P1M1
92h
0000,0000
P3
B0h
8-bit  Port 3
P3.7   -
P3.5 P3.4 P3.3 P3.2 P3.1 P3.0 1x11,1111
P3M0
B1h
0000,0000
P3M1
B2h
0000,0000
Mnemonic Add
Name
 7
 6
 5
 4
 3
 2
 1
 0
Reset Value
SCON
98h
Serial  Control
SM0/FE
SM1
SM2
REN
TB8
RB8
TI
RI
0000,0000
SBUF
99h
Serial  Data  Buffer
xxxx,xxxx
SADEN
B9h
Slave  Address  Mask
0000,0000
SADDR
A9h
Slave  Address
0000,0000
AUXR
8Eh
Auxiliary  Register
T0x12
T1x12
UART_M0x6
EADCI ESPI EBODI
 -
 -
0000,00xx
STC12C2052AD系列 8051 单片机 串行口 特殊功能寄存器    Serial I/O Port SFRs
Mnemonic
Add
Name
      7
 6
   5
     4
     3
 2
 1
 0
Reset Value
WDT_CONTR E1h
Watch-Dog-Timer
Control register
 WDT_FLAG  -
EN_WDT CLR_WDT IDLE_WDT PS2 PS1 PS0 xx00,0000
STC12C2052AD 系列 8051 单片机 看门狗定时器 特殊功能寄存器 Watch Dog Timer SFRs


Similar Part No. - STC12C2052

ManufacturerPart #DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
STC12C5402 ETC1-STC12C5402 Datasheet
1Mb / 149P
   STC12C5410AD
STC12C5402AD ETC1-STC12C5402AD Datasheet
1Mb / 149P
   STC12C5410AD
STC12C5404 ETC1-STC12C5404 Datasheet
1Mb / 149P
   STC12C5410AD
STC12C5404AD ETC1-STC12C5404AD Datasheet
1Mb / 149P
   STC12C5410AD
STC12C5406 ETC1-STC12C5406 Datasheet
1Mb / 149P
   STC12C5410AD
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com