Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KS57P0504 Datasheet(PDF) 35 Page - Samsung semiconductor

Part # KS57P0504
Description  The KS57P0504 is the microcontroller which has 4 Kbyte one-time-programmable ROM and the functions are the same to KS57C0502/C0504
Download  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS57P0504 Datasheet(HTML) 35 Page - Samsung semiconductor

Back Button KS57P0504 Datasheet HTML 31Page - Samsung semiconductor KS57P0504 Datasheet HTML 32Page - Samsung semiconductor KS57P0504 Datasheet HTML 33Page - Samsung semiconductor KS57P0504 Datasheet HTML 34Page - Samsung semiconductor KS57P0504 Datasheet HTML 35Page - Samsung semiconductor KS57P0504 Datasheet HTML 36Page - Samsung semiconductor KS57P0504 Datasheet HTML 37Page - Samsung semiconductor KS57P0504 Datasheet HTML 38Page - Samsung semiconductor KS57P0504 Datasheet HTML 39Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 282 page
background image
KS57C0502/C0504/P0504 MICROCONTROLLER
ADDRESSING MODES
3–1
3 ADDRESSING MODES
OVERVIEW
The enable memory bank flag, EMB, controls the two addressing modes for data memory. When you enable
the EMB flag, you can address the entire RAM area. When you clear the EMB flag to logic zero, the addressable
RAM is restricted to specific areas.
The EMB flag works in connection with the select memory bank instruction, SMB n. You will recall that the
SMB n instruction is used to select RAM bank 0, bank 1 or 15. The SMB setting is always contained in the upper
four bits of a 12-bit RAM address. For this reason, both addressing modes (EMB = "0" and EMB = "1") apply
specifically to the memory bank indicated by the SMB instruction, and any restrictions to the addressable area
within banks 0, 1 or 15. Direct and indirect 1-bit, 4-bit, and 8-bit addressing methods can be used.
In addition, there are several RAM locations that can always be addressed using specific addressing methods,
regardless of the current EMB flag setting.
Here are a few things to remember about addressing data memory areas:
— When you address peripheral hardware locations in bank 15, you can use the mnemonic for the memory-
mapped hardware component as the operand in place of the actual address location.
— Always use an even-numbered RAM address as the operand in 8-bit direct and indirect addressing.
— With direct addressing, use the RAM address as the instruction operand; with indirect addressing, the
insttruction specifies a register which contains the operand's address.


Similar Part No. - KS57P0504

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS57P21132 SAMSUNG-KS57P21132 Datasheet
208Kb / 38P
   The KS57C21116/C21124/C21132 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Sams
KS57P21408 SAMSUNG-KS57P21408 Datasheet
238Kb / 30P
   The KS57C21408/C21418/P21408 is a SAM47 core-based 4-bit CMOS single-chip microcontroller. It has a timer/counter and LCD drivers.
KS57P21632 SAMSUNG-KS57P21632 Datasheet
181Kb / 27P
   KS57C21632 offers an excellent design solution for a high-end LCD game.
KS57P2304 SAMSUNG-KS57P2304 Datasheet
1Mb / 295P
   MICROCONTROLLER
KS57P2316 SAMSUNG-KS57P2316 Datasheet
49Kb / 4P
   BONDING DIAGRAM
More results

Similar Description - KS57P0504

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL9002 IKSEMICON-IL9002 Datasheet
386Kb / 4P
   As per the structure and the performed functions
logo
Sanyo Semicon Device
LC86E5632 SANYO-LC86E5632 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
LC86P5420 SANYO-LC86P5420 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
logo
STMicroelectronics
AN3095 STMICROELECTRONICS-AN3095 Datasheet
3Mb / 55P
   The STEVAL-ISV002V2 demonstration board is the same
logo
Xilinx, Inc
DS484 XILINX-DS484 Datasheet
189Kb / 5P
   The Split Operation has the following features:
logo
Suntan Capacitors
BZX55C SUNTAN-BZX55C Datasheet
116Kb / 4P
   The Zener voltages are graded according to the
logo
Littelfuse
08096600 LITTELFUSE-08096600 Datasheet
175Kb / 1P
   The dual pole versions where the negative and positive pole can be disconnected at the same time
logo
ATMEL Corporation
T48C893 ATMEL-T48C893 Datasheet
638Kb / 82P
   The multiple times programmable (MTP) version for the MARC4 ROM types
logo
Silicon Laboratories
1202231 SILABS-1202231 Datasheet
43Kb / 2P
   The behavior of the Si3462 is similar functionally to the Si3461
logo
STMicroelectronics
AN2021 STMICROELECTRONICS-AN2021 Datasheet
880Kb / 39P
   The ST10F272B and ST10F272E are members of the STMicroelectronics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com