Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KNU4820B Datasheet(PDF) 2 Page - KIA Semiconductor Technology

Part No. KNU4820B
Description  9.0A,200V N-CHANNEL MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KIA [KIA Semiconductor Technology]
Homepage  http://en.kiaic.com/
Logo 

KNU4820B Datasheet(HTML) 2 Page - KIA Semiconductor Technology

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
9.0A,200V
N-CHANNEL MOSFET
`
KIA
SEMICONDUCTORS
KNX4820B
KIA
SEMICONDUCTORS
KIA
SEMICONDUCTORS
4. Ordering Information
Part Number
Package
Brand
KNU4820B
TO-251
KIA
KND4820B
TO-252
KIA
5. Absolute maximum ratings
TC=25℃ unless otherwise specified
Parameter
Symbol
Ratings
Unit
TO251/TO252
Drain-to-Source Voltage
VDSS
200
V
Gate-to-Source Voltage
VGSS
±20
Continuous Drain Current
ID
9.0
A
Pulsed Drain Current at VGS=10V
IDM
36
Single Pulse Avalanche Energy
EAS
300
mJ
Power Dissipation
PD
83
W
Derating Factor above 25℃
0.59
W/ ºC
Maximum Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10
seconds, Package Body for 10 seconds
TL
300
ºC
Operating and StorageTemperatureRange
TJ&TSTG
-55 to 150
Caution: Stresses greater than those listed in the
“Absolute Maximum Ratings” may cause permanent
damage to the device.
6. Thermal characteristics
Parameter
Symbol
Ratings
Units
TO251
TO252
Thermal resistance, junction-ambient
RθJA
75
ºC/W
Thermal resistance, Junction-case
RθJC
1.5
2 of8
Rev 1.0 Jan. 2018


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn