Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DH76010-54 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # DH76010-54
Description  TUNING VARACTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DH76010-54 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  DH76010-54 Datasheet HTML 1Page - List of Unclassifed Manufacturers DH76010-54 Datasheet HTML 2Page - List of Unclassifed Manufacturers DH76010-54 Datasheet HTML 3Page - List of Unclassifed Manufacturers DH76010-54 Datasheet HTML 4Page - List of Unclassifed Manufacturers DH76010-54 Datasheet HTML 5Page - List of Unclassifed Manufacturers DH76010-54 Datasheet HTML 6Page - List of Unclassifed Manufacturers DH76010-54 Datasheet HTML 7Page - List of Unclassifed Manufacturers DH76010-54 Datasheet HTML 8Page - List of Unclassifed Manufacturers DH76010-54 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
1-33
SALES OFFICES: VISIT OUR WEB SITE AT
http://www.temex.net
TUNING VARACTOR
Plastic package Surface Mount Silicon abrupt tuning varactor
DH71010
30
1.0 ± 20%
4.0
4300
DH71016
30
1.6 ± 20%
4.5
4100
DH71020
30
2.0 ± 20%
4.6
3900
DH71030
30
3.0 ± 20%
4.7
3400
DH71045
30
4.5 ± 20%
4.8
2200
DH71067
30
6.7 ± 10%
4.9
2600
DH71100
30
10 ± 10%
5.0
2200
(1)
Other tolerance on request
Temperature ranges:
Operating junction (Tj):
-55° C to +125° C
Storage:
-65° C to +150° C
min.
(1)
VpF
Electrical
Breakdown
Junction
Tuning
Figure
parameters
voltage
capacitance
ratio
of merit
V
BR
Cj
Q
Test Conditions
I
R = 10 µA
F = 1 MHz
Cj0V/Cj30V
V
R = 4 V
V
R = 4 V
F = 50 MHz
Electrical characteristics at Ta = +25° C
Reverse breakdown voltage, Vb = @10 µA: 30 V min.
Type
typ.
typ.
Packages
SOD323
SOT23
SOT23
SOT23
SOT143
Packages
DH71010
DH71010-60
DH71010-51
DH71010-53
DH71010-54
DH71010-70
DH71016
DH71016-60
DH71016-51
DH71016-53
DH71016-54
DH71016-70
DH71020
DH71020-60
DH71020-51
DH71020-53
DH71020-54
DH71020-70
DH71030
DH71030-60
DH71030-51
DH71030-53
DH71030-54
DH71030-70
DH71045
DH71045-60
DH71045-51
DH71045-53
DH71045-54
DH71045-70
DH71067
DH71067-60
DH71067-51
DH71067-53
DH71067-54
DH71067-70
DH71100
DH71100-60
DH71100-51
DH71100-53
DH71100-54
DH71100-70
(1) Other configuration available on request.
How to order?
DH71010
-
51
T3
Diode type
Package
Conditioning
information
51: single SOT23
T3: 3000 pieces
53: dual common
tape & reel
cathode SOT23
T10: 10000 pieces
54: dual common
tape & reel
anode SOT23
blank: bulk
60: single SOD323
70: dual SOT143


Similar Part No. - DH76010-54

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DH75C TOKO-DH75C Datasheet
52Kb / 1P
   High Reliability Fixed Inductors for Surface Mounting
logo
List of Unclassifed Man...
DH77 ETC2-DH77 Datasheet
131Kb / 2P
   MINIATURE DOUBLE-DIODE-TRIODE
More results

Similar Description - DH76010-54

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MV1403 ASI-MV1403 Datasheet
11Kb / 1P
   TUNING VARACTOR
MV1403 ASI-MV1403_07 Datasheet
35Kb / 1P
   TUNING VARACTOR
MV1404H ASI-MV1404H Datasheet
14Kb / 1P
   TUNING VARACTOR
MV1405HX ASI-MV1405HX Datasheet
14Kb / 1P
   TUNING VARACTOR
DKV6516 ASI-DKV6516 Datasheet
17Kb / 1P
   TUNING VARACTOR
MV1404 ASI-MV1404 Datasheet
11Kb / 1P
   TUNING VARACTOR
1N5140A ASI-1N5140A Datasheet
16Kb / 1P
   TUNING VARACTOR DIODE
1N5148 ASI-1N5148 Datasheet
16Kb / 1P
   TUNING VARACTOR DIODE
logo
New Jersey Semi-Conduct...
1N5439 NJSEMI-1N5439 Datasheet
364Kb / 1P
   VARACTOR TUNING DIODES
logo
Advanced Semiconductor
1N5142 ASI-1N5142 Datasheet
15Kb / 1P
   TUNING VARACTOR DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com