Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PESE1-M Datasheet(PDF) 1 Page - CUI INC

Part No. PESE1-M
Description  DC-DC CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CUI [CUI INC]
Homepage  http://www.cui.com
Logo CUI - CUI INC

PESE1-M Datasheet(HTML) 1 Page - CUI INC

  PESE1-M Datasheet HTML 1Page - CUI INC PESE1-M Datasheet HTML 2Page - CUI INC PESE1-M Datasheet HTML 3Page - CUI INC PESE1-M Datasheet HTML 4Page - CUI INC PESE1-M Datasheet HTML 5Page - CUI INC PESE1-M Datasheet HTML 6Page - CUI INC PESE1-M Datasheet HTML 7Page - CUI INC PESE1-M Datasheet HTML 8Page - CUI INC PESE1-M Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
cui.com
date 05/10/2019
page 1 of 11
SERIES: PESE1-M
│ DESCRIPTION: DC-DC CONVERTER
FEATURES
• 1 W isolated output
• unregulated output
• compact SMT package
• single/dual output models
• continuous short circuit protection
• extended temperature range (-40~105°C)
• 3 kVdc Vdc isolation
• no load input current as low as 5 mA
• UL 62368 approval
• efficiency up to 85%
MODEL
input
voltage
output
voltage
output
current
output
power
ripple
& noise1
efficiency2
typ
(Vdc)
range
(Vdc)
(Vdc)
min
(mA)
max
(mA)
max
(W)
max
(mVp-p)
typ
(%)
PESE1-S5-S3-M
5
4.5~5.5
3.3
30
303
1
75
74
PESE1-S5-S5-M
5
4.5~5.5
5
20
200
1
75
82
PESE1-S5-S9-M
5
4.5~5.5
9
12
111
1
75
83
PESE1-S5-S12-M
5
4.5~5.5
12
9
84
1
75
83
PESE1-S5-S15-M
5
4.5~5.5
15
7
67
1
75
83
PESE1-S5-S24-M
5
4.5~5.5
24
4
42
1
100
85
PESE1-S5-D5-M
5
4.5~5.5
±5
±10
±100
1
75
82
PESE1-S5-D9-M
5
4.5~5.5
±9
±6
±56
1
75
83
PESE1-S5-D12-M
5
4.5~5.5
±12
±5
±42
1
75
83
PESE1-S5-D15-M
5
4.5~5.5
±15
±4
±34
1
75
83
PESE1-S5-D24-M
5
4.5~5.5
±24
±3
±21
1
100
85
Notes:
1. Measured at nominal input, 20 MHz bandwidth oscilloscope, with 10 µF tantalum and 1 µF ceramic capacitors on the output.
2. Measured at nominal input voltage, full load.
3. All specifications are measured at Ta=25°C, humidity < 75%, nominal input voltage, and rated output load unless otherwise specified.
For more information, please visit the product page.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn