Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M5M4V4S40CTP-12 Datasheet(PDF) 15 Page - Mitsubishi Electric Semiconductor

Part # M5M4V4S40CTP-12
Description  4M (2-BANK x 131072-WORD x 16-BIT) Synchronous DRAM
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M4V4S40CTP-12 Datasheet(HTML) 15 Page - Mitsubishi Electric Semiconductor

Back Button M5M4V4S40CTP-12 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M5M4V4S40CTP-12 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M5M4V4S40CTP-12 Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M5M4V4S40CTP-12 Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M5M4V4S40CTP-12 Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M5M4V4S40CTP-12 Datasheet HTML 16Page - Mitsubishi Electric Semiconductor M5M4V4S40CTP-12 Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M5M4V4S40CTP-12 Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M5M4V4S40CTP-12 Datasheet HTML 19Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
15
M5M4V4S40CTP-12, -15
Feb ‘97 Preliminary
MITSUBISHI LSIs
4M (2-BANK x 131072-WORD x 16-BIT) Synchronous DRAM
MITSUBISHI ELECTRIC
SDRAM (Rev. 0.3)
OPERATIONAL DESCRIPTION
BANK ACTIVATE
The SDRAM has two independent banks. Each bank is activated by the ACT command with the bank
address (BA). A row inside the bank is selected by the row address A8-0. The minimum activation interval
between one bank and the opposite bank is tRRD.
PRECHARGE
The PRE command deactivates the bank indicated by BA. When both banks are active, the precharge all
command (PREA, PRE + A8=H) can be used to deactivate them at the same time. After tRP from the
precharge, an ACT command can be issued.
READ
A READ command can be issued after tRCD from bank activation (ACT). Output data is available after
the /CAS Latency from the READ, followed by (BL -1) consecutive output data (Burst Length = BL). The
start address is specified by A7-0, and the address sequence of the burst data is defined by the Burst Type. A
READ command may be applied to any active bank. This allows the row precharge time (tRP) to be hidden
behind continuous output data (in case of BL=4) by interleaving the dual banks. When A8 is high at a READ
command, the auto-precharge (READA) is performed. During READA the READ, WRITE, PRE, and ACT
commands to the same bank are inhibited until the internal precharge is complete. Internal precharge start
timing depends on /CAS Latency. The next ACT command can be issued after tRP from the precharge (PRE).
Note: READA is not allowed for FP burst length operations. The SDRAM must be manually precharged.
Bank Activation and Precharge All (BL=4, CL=3)
CLK
Command
A0-7
A8
BA
DQ
ACT
Xa
Xa
0
READ
Y
0
0
Qa0
Qa1
Qa2
Qa3
ACT
Xb
Xb
1
PRE
tRRD
tRCD
1
ACT
Xb
Xb
1
Precharge all
tRAS
tRP


Similar Part No. - M5M4V4S40CTP-12

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M4V4265CJ MITSUBISHI-M5M4V4265CJ Datasheet
317Kb / 31P
   EDO (HYPER PAGE) MODE 4194304-BIT (262144-WORD BY 16-BIT) DYNAMIC RAM
M5M4V4265CJ-5 MITSUBISHI-M5M4V4265CJ-5 Datasheet
317Kb / 31P
   EDO (HYPER PAGE) MODE 4194304-BIT (262144-WORD BY 16-BIT) DYNAMIC RAM
M5M4V4265CJ-5S MITSUBISHI-M5M4V4265CJ-5S Datasheet
317Kb / 31P
   EDO (HYPER PAGE) MODE 4194304-BIT (262144-WORD BY 16-BIT) DYNAMIC RAM
M5M4V4265CJ-6 MITSUBISHI-M5M4V4265CJ-6 Datasheet
317Kb / 31P
   EDO (HYPER PAGE) MODE 4194304-BIT (262144-WORD BY 16-BIT) DYNAMIC RAM
M5M4V4265CJ-6S MITSUBISHI-M5M4V4265CJ-6S Datasheet
317Kb / 31P
   EDO (HYPER PAGE) MODE 4194304-BIT (262144-WORD BY 16-BIT) DYNAMIC RAM
More results

Similar Description - M5M4V4S40CTP-12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GLT5160L16 ETC-GLT5160L16 Datasheet
399Kb / 45P
   16M (2-Bank x 524288-Word x 16-Bit) Synchronous DRAM
logo
Mitsubishi Electric Sem...
M5M4V64S40ATP-8A MITSUBISHI-M5M4V64S40ATP-8A Datasheet
1Mb / 51P
   64M (4-BANK x 1048576-WORD x 16-BIT) Synchronous DRAM
logo
Etron Technology, Inc.
EM638165TS-5G ETRON-EM638165TS-5G Datasheet
519Kb / 53P
   4M x 16 bit Synchronous DRAM (SDRAM)
EM638165TS-5IG ETRON-EM638165TS-5IG Datasheet
517Kb / 53P
   4M x 16 bit Synchronous DRAM (SDRAM)
logo
Generalplus Technology ...
GPR323816A GENERALPLUS-GPR323816A Datasheet
1Mb / 57P
   4M x 16 bit Synchronous DRAM (SDRAM)
logo
A-Data Technology
ADS8616A8A A-DATA-ADS8616A8A Datasheet
550Kb / 8P
   Synchronous DRAM(4M X 16 Bit X 4 Banks)
Rev 1.0 December, 2001
logo
OKI electronic componet...
MSM56V16160D OKI-MSM56V16160D Datasheet
341Kb / 30P
   2-Bank x 524,288-Word x 16-Bit SYNCHRONOUS DYNAMIC RAM
MSM56V16160F OKI-MSM56V16160F Datasheet
2Mb / 31P
   2-Bank x 524,288 Word x 16 Bit SYNCHRONOUS DYNAMIC RAM
logo
Elite Semiconductor Mem...
M12L2561616A ESMT-M12L2561616A_08 Datasheet
926Kb / 45P
   4M x 16 Bit x 4 Banks Synchronous DRAM
logo
AMIC Technology
A43L4616A AMICC-A43L4616A Datasheet
498Kb / 43P
   4M X 16 Bit X 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com