Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA1088 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ATA1088
Description  OPTICAL MOUSE SENSOR IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ATA1088 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ATA1088 Datasheet HTML 1Page - List of Unclassifed Manufacturers ATA1088 Datasheet HTML 2Page - List of Unclassifed Manufacturers ATA1088 Datasheet HTML 3Page - List of Unclassifed Manufacturers ATA1088 Datasheet HTML 4Page - List of Unclassifed Manufacturers ATA1088 Datasheet HTML 5Page - List of Unclassifed Manufacturers ATA1088 Datasheet HTML 6Page - List of Unclassifed Manufacturers ATA1088 Datasheet HTML 7Page - List of Unclassifed Manufacturers ATA1088 Datasheet HTML 8Page - List of Unclassifed Manufacturers ATA1088 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
@Lab Optical Mouse Sensor “ ATA1088XA ” Data Sheet
Page
5/13
June, 2003
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Unit
Min.
Typ.
Max.
Note
Absolute Maximum Ratings
Storage Temperature
Tstg
°C
−20
70
Operating Temperature
Topr
°C
0
50
Supply Voltage
Vdd
V
−0.5
7.0
Input Voltage
Vin
V
Vss
−0.3
Vdd
+0.3
200
All pins, machine model
ESD
-
V
2000
All pins, human body model
Recommended Operating Conditions
Operating Temperature
Topr
°C
0
25
40
Supply Voltage
Vdd
V
4.5
5.0
5.5
Power Supply Rise Time
Vrt
msec
-
50
100
Clock Frequency
fclk
MHz
6
Distance from lens reference
plane to surface
D
mm
2.0
2.2
2.4
Speed
S
Inch/sec
-
-
12.75
AC Electrical Specification (Recommended operating conditions: Temp=25
°C, Vdd=5.0V, and CLK=6MHz)
PS/2 Motion Report Rate
reports
/sec
-
100
-
See PS/2 Timing Diagrams
Motion Scale Factor
counts
/sec
-
400
-
Response Time
Trsp1
msec
8.7
10.9
13.1
Movement to data in no motion
mode
Power-Up Delay
msec
-
500
-
See
R7
and
C6
in
the
application circuit.
DC Electrical Specification (Recommended operating conditions: Temp=25C and Vdd=5.0V)
Supply Current (in Motion)
Idd
mA
-
12
25
Supply Current (No Motion)
Idd1
mA
-
1.2
2.5
Input Low Voltage
VIL
V
-
-
0.8
Input High Voltage
VIH
V
2.0
-
-
OSC Input Low Voltage
VOIL
V
-
-
1.5
OSC Input High Voltage
VOIH
V
3.5
-
-
Output Low Voltage (LED)
VOLL
V
-
0.3
0.5
Output High Current (LED)
IOHLED
mA
1.5
4
6.5


Similar Part No. - ATA1088

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ATA10 STMICROELECTRONICS-ATA10 Datasheet
634Kb / 14P
   10 A SnubberlessTM, logic level and standard Triacs
February 2017 Rev 7
logo
Advanced Energy Industr...
ATA10W ADVANCEDENERGY-ATA10W Datasheet
289Kb / 4P
   10 Watts
More results

Similar Description - ATA1088

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5020-EN AVAGO-ADNS-5020-EN Datasheet
330Kb / 24P
   Optical Mouse Sensor
ADNK-5030 AVAGO-ADNK-5030 Datasheet
89Kb / 1P
   Optical Mouse Sensor
ADNS-2051 AVAGO-ADNS-2051 Datasheet
588Kb / 40P
   Optical Mouse Sensor
logo
Broadcom Corporation.
ADNK-2052 BOARDCOM-ADNK-2052 Datasheet
106Kb / 1P
   Optical Mouse Sensor
ADNK-3000 BOARDCOM-ADNK-3000 Datasheet
58Kb / 1P
   Optical Mouse Sensor
logo
Agilent(Hewlett-Packard...
ADNS-2001 HP-ADNS-2001 Datasheet
203Kb / 12P
   Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-5020-EN AVAGO-ADNK-5020-EN Datasheet
108Kb / 1P
   Optical Mouse Sensor
ADNK-2620 AVAGO-ADNK-2620 Datasheet
107Kb / 1P
   Optical Mouse Sensor
ADNK-3550 AVAGO-ADNK-3550 Datasheet
100Kb / 1P
   Optical Mouse Sensor
logo
Broadcom Corporation.
ADNK-2080 BOARDCOM-ADNK-2080 Datasheet
185Kb / 1P
   Optical Mouse Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com