Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX6695 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part No. MAX6695
Description  Dual Remote/Local Temperature Sensors with SMBus Serial Interface
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX6695 Datasheet(HTML) 3 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Dual Remote/Local Temperature Sensors with
SMBus Serial Interface
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +3.0V to +3.6V, TA = 0°C to +125°C, unless otherwise noted. Typical values are at VCC = +3.3V and TA = +25°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT PIN, RESET, STBY (MAX6696)
Logic Input Low Voltage
VIL
0.8
V
Logic Input High Voltage
VIH
2.1
V
Input Leakage Current
ILEAK
-1
+1
µA
SMBus INTERFACE (SMBCLK, SMBDATA, STBY)
Logic Input Low Voltage
VIL
0.8
V
Logic Input High Voltage
VIH
2.1
V
Input Leakage Current
ILEAK
VIN = GND or VCC
±1
µA
Output Low Sink Current
IOL
VOL = 0.6V
6
mA
Input Capacitance
CIN
5pF
SMBus-COMPATIBLE TIMING (Figures 4 and 5) (Note 2)
Serial Clock Frequency
fSCL
10
100
kHz
Bus Free Time Between STOP
and START Condition
tBUF
4.7
µs
Repeat START Condition Setup
Time
tSU:STA
90% of SMBCLK to 90% of SMBDATA
4.7
µs
START Condition Hold Time
tHD:STA
10% of SMBDATA to 90% of SMBCLK
4
µs
STOP Condition Setup Time
tSU:STO
90% of SMBCLK to 90% of SMBDATA
4
µs
Clock Low Period
tLOW
10% to 10%
4
µs
Clock High Period
tHIGH
90% to 90%
4.7
µs
Data Setup Time
tSU:DAT
250
µs
Data Hold Time
tHD:DAT
300
µs
SMB Rise Time
tR
1µs
SMB Fall Time
tF
300
ns
SMBus Timeout
SMBDATA low period for interface reset
20
30
40
ms
Note 1: Based on diode ideality factor of 1.008.
Note 2: Specifications are guaranteed by design, not production tested.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn