Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4820N Datasheet(PDF) 4 Page - KIA Semiconductor Technology

Part # 4820N
Description  9.0A竊?00V N-CHANNEL MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology

4820N Datasheet(HTML) 4 Page - KIA Semiconductor Technology

  4820N Datasheet HTML 1Page - KIA Semiconductor Technology 4820N Datasheet HTML 2Page - KIA Semiconductor Technology 4820N Datasheet HTML 3Page - KIA Semiconductor Technology 4820N Datasheet HTML 4Page - KIA Semiconductor Technology 4820N Datasheet HTML 5Page - KIA Semiconductor Technology 4820N Datasheet HTML 6Page - KIA Semiconductor Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
9.0A,200V
N-CHANNEL MOSFET
KIA
SEMICONDUCTORS
4820N
KIA
SEMICONDUCTORS
KIA
SEMICONDUCTORS
7.Typical characteristics
4 of6
Rev 1.1 May 2016


Similar Part No. - 4820N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4820 ETC2-4820 Datasheet
232Kb / 2P
   NYLON M/F HEX STANDOFF
logo
Heyco.
4820 HEYCO-4820 Datasheet
299Kb / 1P
   Quick Connect Terminals
logo
Filtran LTD
4820-01 FILTRAN-4820-01 Datasheet
82Kb / 1P
   Power Transformers Fully Enclosed
4820-02 FILTRAN-4820-02 Datasheet
82Kb / 1P
   Power Transformers Fully Enclosed
logo
3M Electronics
4820-3000-CP 3M-4820-3000-CP Datasheet
369Kb / 4P
   Stamped and Formed, Dual-Wipe
More results

Similar Description - 4820N

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
KNX4820B KIA-KNX4820B Datasheet
468Kb / 8P
   9.0A竊?00V N-CHANNEL MOSFET
KIA6720N KIA-KIA6720N Datasheet
352Kb / 6P
   18A竊?00V N-CHANNEL MOSFET
7N60U KIA-7N60U Datasheet
349Kb / 6P
   7A竊?00V N-CHANNEL MOSFET
12N60H KIA-12N60H Datasheet
451Kb / 7P
   12A竊?00V N-CHANNEL MOSFET
16N50H KIA-16N50H Datasheet
329Kb / 6P
   16A竊?00V N-CHANNEL MOSFET
KNX6610A KIA-KNX6610A Datasheet
266Kb / 5P
   15A竊?00V N-CHANNEL MOSFET
730H KIA-730H Datasheet
280Kb / 6P
   6Amps竊?00V N-CHANNEL MOSFET
1N60H KIA-1N60H Datasheet
47Kb / 3P
   1A竊?00V N-CHANNEL MOSFET
20N40H KIA-20N40H Datasheet
445Kb / 7P
   20A竊?00V N-CHANNEL MOSFET
KNX9130A KIA-KNX9130A Datasheet
494Kb / 7P
   40A竊?00V N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com