Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T0800-PJQ Datasheet(PDF) 3 Page - ATMEL Corporation

Part # T0800-PJQ
Description  5-CHANNEL LASER DRIVER WITH RF OSCILLATOR AND 2 OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T0800-PJQ Datasheet(HTML) 3 Page - ATMEL Corporation

  T0800-PJQ Datasheet HTML 1Page - ATMEL Corporation T0800-PJQ Datasheet HTML 2Page - ATMEL Corporation T0800-PJQ Datasheet HTML 3Page - ATMEL Corporation T0800-PJQ Datasheet HTML 4Page - ATMEL Corporation T0800-PJQ Datasheet HTML 5Page - ATMEL Corporation T0800-PJQ Datasheet HTML 6Page - ATMEL Corporation T0800-PJQ Datasheet HTML 7Page - ATMEL Corporation T0800-PJQ Datasheet HTML 8Page - ATMEL Corporation T0800-PJQ Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
4503D–DVD–02/05
T0800
Figure 2-2.
Pinning QFN28
I4
I5
RFA
RFB
GND
NE2
NE3
IOUTA
IOUTA
GND
RSA
RSB
IOUTB
IOUTB
28 27 26 25 24 23 22
8 9 10 11 12 13 14
1
2
3
4
5
6
7
21
20
19
18
17
16
15
Table 2-2.
Pin Description: QFN28
Pin
Symbol
Type
Function
1
I4
Analog
Input current, bias voltage approximately GND
2
I5
Analog
Input current, bias voltage approximately GND
3
RFA
Analog
External resistor to GND sets frequency of oscillator A
4
RFB
Analog
External resistor to GND sets frequency of oscillator B
5
GND
Supply
Ground
6
NE2
Digital
Digital control of channel 2 (low active)
7
NE3
Digital
Digital control of channel 3 (low active)
8
NE4
Digital
Digital control of channel 4 (low active)
9
NE5
Digital
Digital control of channel 5 (low active)
10
ENABLE
Digital
Enables output current (high active)
11, 12
VCC2
Supply
+5 V power supply IOUT
13
ENOSC
Digital
Enables RF oscillator (high active)
14
SELA
Digital
High: selects IOUTA, RFA, RSA
Low: selects IOUTB, RFB, RSB
15
IOUTB
Analog
Output current source B for laser diode
16
IOUTB
Analog
Output current source B for laser diode
17
RSB
Analog
External resistor to GND sets swing of oscillator B
18
RSA
Analog
External resistor to GND sets swing of oscillator A
19
GND
Supply
Ground
20
IOUTA
Analog
Output current source A for laser diode
21
IOUTA
Analog
Output current source A for laser diode
22, 23
VCC2
Supply
+5 V power supply IOUT
24
VCC1
Supply
+5 V power supply circuit
25
NC
Not connected
26
IR
Analog
Input current, bias voltage approximately GND
27
I2
Analog
Input current, bias voltage approximately GND
28
I3
Analog
Input current, bias voltage approximately GND
Paddle
Should be connected with ground


Similar Part No. - T0800-PJQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T080 ETC1-T080 Datasheet
130Kb / 1P
   DIL 14 PIN SINGLE OUTPUT
T0805C220BCT ETC2-T0805C220BCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
T0805C220BCT ETC2-T0805C220BCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
T0805C220CCT ETC2-T0805C220CCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
T0805C220DCT ETC2-T0805C220DCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
More results

Similar Description - T0800-PJQ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T0806 ATMEL-T0806 Datasheet
241Kb / 7P
   3 CHANNEL LASER DRIVER WITH RF OSCILLATOR AND 2 OUTPUTS
T0806 ATMEL-T0806_05 Datasheet
282Kb / 8P
   3-channel Laser Driver with RF Oscillator and 2 Outputs
ATR0808 ATMEL-ATR0808 Datasheet
240Kb / 8P
   Three Channel Laser Driver with RF Oscillator and Two Outputs
ATR0809 ATMEL-ATR0809 Datasheet
222Kb / 8P
   FOUR CHANNEL LASER DRIVER WITH RF OSCILLATOR AND TWO OUTPUTS
ATR0807 ATMEL-ATR0807 Datasheet
230Kb / 8P
   THREE CHANNEL LASER DRIVER WITH RF OSCILLATOR AND TWO OUTPUTS
T0816 ATMEL-T0816 Datasheet
352Kb / 14P
   3 - CHANNEL LASER DRIVER WITH RF OSCILLATOR
T0816 ATMEL-T0816_05 Datasheet
378Kb / 15P
   3-channel Laser Driver with RF Oscillator
T0820 ATMEL-T0820 Datasheet
187Kb / 11P
   4 CHANNEL LASER DRIVER WITH RF OSCILLATOR
T0820 ATMEL-T0820_05 Datasheet
278Kb / 12P
   4-channel Laser Driver with RF Oscillator
logo
Elantec Semiconductor
EL6252C ELANTEC-EL6252C Datasheet
39Kb / 2P
   2-Channel laser diode Driver Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com