Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF-58143-TR1G Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # ATF-58143-TR1G
Description  Low Noise Enhancement Mode Pseudomorphic HEMT in a Surface Mount Plastic Package
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ATF-58143-TR1G Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button ATF-58143-TR1G Datasheet HTML 2Page - Agilent(Hewlett-Packard) ATF-58143-TR1G Datasheet HTML 3Page - Agilent(Hewlett-Packard) ATF-58143-TR1G Datasheet HTML 4Page - Agilent(Hewlett-Packard) ATF-58143-TR1G Datasheet HTML 5Page - Agilent(Hewlett-Packard) ATF-58143-TR1G Datasheet HTML 6Page - Agilent(Hewlett-Packard) ATF-58143-TR1G Datasheet HTML 7Page - Agilent(Hewlett-Packard) ATF-58143-TR1G Datasheet HTML 8Page - Agilent(Hewlett-Packard) ATF-58143-TR1G Datasheet HTML 9Page - Agilent(Hewlett-Packard) ATF-58143-TR1G Datasheet HTML 10Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Ordering Information
Part Number
No. of Devices
Container
ATF-58143-TR1
3000
7" Reel
ATF-58143-TR2
10000
13" Reel
ATF-58143-BLK
100
antistatic bag
ATF-58143-TR1G
3000
7” Reel
ATF-58143-TR2G
10000
13”Reel
ATF-58143-BLKG
100
antistatic bag
Package Dimensions Outline 43 (SOT-343/SC70 4 lead)
Symbol
MIN. (mm)
MAX. (mm)
E
1.15
1.35
D
1.85
2.25
HE
1.80
2.40
A
0.80
1.10
A2
0.80
1.00
A1
0.00
0.10
b
0.25
0.40
b1
0.55
0.70
c
0.10
0.20
L
0.10
0.46
Notes:
1. All dimensions are in mm.
2. Dimensions are inclusive of plating.
3. Dimensions are exclusive of mold flash and metal blurr.
4. All specifications comply to EIAJ SC70.
5. Die is facing up for mold and facing down for trim/form, i.e., reverse trim/form.
6. Package surface to be mirror finish.


Similar Part No. - ATF-58143-TR1G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ATF-58143 AVAGO-ATF-58143 Datasheet
126Kb / 9P
   Low Noise Enhancement Mode Pseudomorphic HEMT
logo
Broadcom Corporation.
ATF-58143 BOARDCOM-ATF-58143 Datasheet
126Kb / 9P
   Low Noise Enhancement Mode Pseudomorphic HEMT
More results

Similar Description - ATF-58143-TR1G

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF54143 HP-ATF54143 Datasheet
154Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-54143 AVAGO-ATF-54143 Datasheet
142Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Surface Mount Plastic Package
ATF-55143-TR1G AVAGO-ATF-55143-TR1G Datasheet
164Kb / 20P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
Broadcom Corporation.
DEMO-ATF-5X143 BOARDCOM-DEMO-ATF-5X143 Datasheet
142Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
Agilent(Hewlett-Packard...
ATF33143 HP-ATF33143 Datasheet
149Kb / 14P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
ATF-34143 HP-ATF-34143 Datasheet
119Kb / 15P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-33143 AVAGO-ATF-33143_15 Datasheet
407Kb / 17P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
Agilent(Hewlett-Packard...
ATF34143 HP-ATF34143 Datasheet
154Kb / 15P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-34143-TR1G AVAGO-ATF-34143-TR1G Datasheet
138Kb / 14P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
Broadcom Corporation.
ATF-34143 BOARDCOM-ATF-34143 Datasheet
138Kb / 14P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com