Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C318C222K5R5TA7303 Datasheet(PDF) 1 Page - Kemet Corporation

Part # C318C222K5R5TA7303
Description  GoldMax 300 Comm X7R, Ceramic, 2200 pF, 10%, 50 VDC, X7R, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C318C222K5R5TA7303 Datasheet(HTML) 1 Page - Kemet Corporation

  C318C222K5R5TA7303 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: C318C222K5R5TA7303
(C318C222K5R5TATR)
GoldMax 300 Comm X7R, Ceramic, 2200 pF, 10%, 50 VDC, X7R, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
Dimensions
L
3.81mm MAX
H
5.97mm MAX
T
2.54mm MAX
S
5.08mm +/-0.78mm
H0
18mm MIN
F
0.51mm +0.1/-0.025mm
Packaging Specifications
Packaging: T&R, 305mm
Packaging Quantity: 2500
General Information
Supplier: KEMET
Series: GoldMax 300 Comm X7R
Style: Radial
Description: GoldMax, Commercial Standard
RoHS: Yes
Termination: Tin
Failure Rate: N/A
Halogen Free: Yes
Specifications
Capacitance: 2200 pF
Capacitance Tolerance: 10%
Voltage DC: 50 VDC
Dielectric Withstanding
Voltage: 125 V
Temperature Range: -55/+125C
Temperature Coefficient: X7R
Dissipation Factor: 2.50% 25C
Aging Rate: 3% Loss/Decade Hour
Insulation Resistance: 100 GOhms
© 2006 - 2019 KEMET
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 2/25/2019 - d45c0ba8-2df5-419c-8f53-e18178821f2c


Similar Part No. - C318C222K5R5TA7303

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C318C220J5G5TA7303 KEMET-C318C220J5G5TA7303 Datasheet
65Kb / 1P
   GoldMax 300 Comm C0G, Ceramic, 22 pF, 5%, 50 VDC, C0G, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
C318C223K5R5TA7303 KEMET-C318C223K5R5TA7303 Datasheet
65Kb / 1P
   GoldMax 300 Comm X7R, Ceramic, 0.022 uF, 10%, 50 VDC, X7R, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
C318C225M1U5HA7303 KEMET-C318C225M1U5HA7303 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C318C225M1U5TA7303 KEMET-C318C225M1U5TA7303 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C318C225M2U5HA7303 KEMET-C318C225M2U5HA7303 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
More results

Similar Description - C318C222K5R5TA7303

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C317C222K5R5TA7303 KEMET-C317C222K5R5TA7303 Datasheet
64Kb / 1P
   GoldMax 300 Comm X7R, Ceramic, 2200 pF, 10%, 50 VDC, X7R, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
C316C222K1R5TA7303 KEMET-C316C222K1R5TA7303 Datasheet
63Kb / 1P
   GoldMax 300 Comm X7R, Ceramic, 2200 pF, 10%, 100 VDC, X7R, GoldMax, Commercial Standard, Lead Spacing = 2.54mm
C318C102K5R5TA7303 KEMET-C318C102K5R5TA7303 Datasheet
65Kb / 1P
   GoldMax 300 Comm X7R, Ceramic, 1000 pF, 10%, 50 VDC, X7R, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
C318C472K5R5TA7303 KEMET-C318C472K5R5TA7303 Datasheet
65Kb / 1P
   GoldMax 300 Comm X7R, Ceramic, 4700 pF, 10%, 50 VDC, X7R, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
C318C471K5R5TA7303 KEMET-C318C471K5R5TA7303 Datasheet
65Kb / 1P
   GoldMax 300 Comm X7R, Ceramic, 470 pF, 10%, 50 VDC, X7R, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
C316C221K5R5TA7303 KEMET-C316C221K5R5TA7303 Datasheet
63Kb / 1P
   GoldMax 300 Comm X7R, Ceramic, 220 pF, 10%, 50 VDC, X7R, GoldMax, Commercial Standard, Lead Spacing = 2.54mm
C316C472K5R5TA7303 KEMET-C316C472K5R5TA7303 Datasheet
64Kb / 1P
   GoldMax 300 Comm X7R, Ceramic, 4700 pF, 10%, 50 VDC, X7R, GoldMax, Commercial Standard, Lead Spacing = 2.54mm
C322C222K1R5TA KEMET-C322C222K1R5TA Datasheet
58Kb / 1P
   GoldMax 300 Comm X7R, Ceramic, 2200 pF, 10%, 100 V, X7R, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
C316C102K5R5TA7303 KEMET-C316C102K5R5TA7303 Datasheet
63Kb / 1P
   GoldMax 300 Comm X7R, Ceramic, 1000 pF, 10%, 50 VDC, X7R, GoldMax, Commercial Standard, Lead Spacing = 2.54mm
C318C102K1R5TA7303 KEMET-C318C102K1R5TA7303 Datasheet
65Kb / 1P
   GoldMax 300 Comm X7R, Ceramic, 1000 pF, 10%, 100 VDC, X7R, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com