Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DH72016 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DH72016
Description  TUNING VARACTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DH72016 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DH72016 Datasheet HTML 1Page - List of Unclassifed Manufacturers DH72016 Datasheet HTML 2Page - List of Unclassifed Manufacturers DH72016 Datasheet HTML 3Page - List of Unclassifed Manufacturers DH72016 Datasheet HTML 4Page - List of Unclassifed Manufacturers DH72016 Datasheet HTML 5Page - List of Unclassifed Manufacturers DH72016 Datasheet HTML 6Page - List of Unclassifed Manufacturers DH72016 Datasheet HTML 7Page - List of Unclassifed Manufacturers DH72016 Datasheet HTML 8Page - List of Unclassifed Manufacturers DH72016 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1-31
SALES OFFICES: VISIT OUR WEB SITE AT
http://www.temex.net
TUNING VARACTOR
Selection guide
Selection Guide
PAGE
SURFACE MOUNT SILICON ABRUPT TUNING VARACTOR
1-32
HIGH Q SILICON ABRUPT JUNCTION TUNING VARACTOR
-
VBR = 30 V
1-34
-
VBR = 45 V
1-35
SILICON HYPERABRUPT JUNCTION TUNING VARACTOR
1-36
MICROWAVE SILICON HYPERABRUPT JUNCTION TUNING VARACTOR
1-39
A tuning varactor is a P-N diode that acts as a voltage controlled capacitor. These devices perform the
same function as the familiar, bulky, air dielectric stacked capacitors featured in traditional broadcast
band receivers.
TUNING VARACTOR


Similar Part No. - DH72016

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DH75C TOKO-DH75C Datasheet
52Kb / 1P
   High Reliability Fixed Inductors for Surface Mounting
logo
List of Unclassifed Man...
DH77 ETC2-DH77 Datasheet
131Kb / 2P
   MINIATURE DOUBLE-DIODE-TRIODE
More results

Similar Description - DH72016

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MV1403 ASI-MV1403 Datasheet
11Kb / 1P
   TUNING VARACTOR
MV1403 ASI-MV1403_07 Datasheet
35Kb / 1P
   TUNING VARACTOR
MV1404H ASI-MV1404H Datasheet
14Kb / 1P
   TUNING VARACTOR
MV1405HX ASI-MV1405HX Datasheet
14Kb / 1P
   TUNING VARACTOR
DKV6516 ASI-DKV6516 Datasheet
17Kb / 1P
   TUNING VARACTOR
MV1404 ASI-MV1404 Datasheet
11Kb / 1P
   TUNING VARACTOR
1N5140A ASI-1N5140A Datasheet
16Kb / 1P
   TUNING VARACTOR DIODE
1N5148 ASI-1N5148 Datasheet
16Kb / 1P
   TUNING VARACTOR DIODE
logo
New Jersey Semi-Conduct...
1N5439 NJSEMI-1N5439 Datasheet
364Kb / 1P
   VARACTOR TUNING DIODES
logo
Advanced Semiconductor
1N5142 ASI-1N5142 Datasheet
15Kb / 1P
   TUNING VARACTOR DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com