Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APA3010F3C-GX Datasheet(PDF) 3 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # APA3010F3C-GX
Description  3.0 mm x 1.0 mm Right Angle Infrared Emitting Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

APA3010F3C-GX Datasheet(HTML) 3 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  APA3010F3C-GX Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APA3010F3C-GX Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APA3010F3C-GX Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APA3010F3C-GX Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2019 Kingbright. All Rights Reserved. Spec No: DSAL3678 / 1203000562
Rev No: V.8A
Date: 04/08/2019
Page 3 / 4
TECHNICAL DATA
0%
20%
40%
60%
80%
100%
550
600
650
700
750
800
850
900
950
1000 1050
Ta = 25 °C
F3
Wavelength (nm)
RELATIVE INTENSITY vs. WAVELENGTH
TAPE SPECIFICATIONS (units : mm)
REEL DIMENSION (units : mm)
REFLOW SOLDERING PROFILE for LEAD-FREE SMD PROCESS
0.5
0.5
90°
15°
30°
45°
60°
75°
-15°
-30°
-45°
-60°
-75°
-90°
0.0
1.0
1.0
Ta = 25 °C
SPATIAL DISTRIBUTION
APA3010F3C-GX
Notes:
1. Don't cause stress to the LEDs while it is exposed to high temperature.
2. The maximum number of reflow soldering passes is 2 times.
3. Reflow soldering is recommended. Other soldering methods are not recommended as they might
cause damage to the product.
INFRARED
0
10
20
30
40
50
0.8
1.0
1.2
1.4
1.6
1.8
Ta = 25 °C
Forward voltage (V)
0.0
0.5
1.0
1.5
2.0
2.5
0
1020
3040
50
Ta = 25 °C
Forward current (mA)
0
10
20
30
40
50
60
70
-40 -20
0
20 406080 100
Ambient temperature (°C)
0.0
0.5
1.0
1.5
2.0
2.5
-40 -20
0
204060 80 100
Ambient temperature (°C)
Forward Current vs.
Forward Voltage
Radiant Intensity vs.
Forward Current
Radiant Intensity vs.
Ambient Temperature
Forward Current Derating Curve


Similar Part No. - APA3010F3C-GX

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APA3010F3C-GX KINGBRIGHT-APA3010F3C-GX Datasheet
239Kb / 5P
   Tinned pads for improved solderability
More results

Similar Description - APA3010F3C-GX

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
APA3010SF4C TO-GRACE-APA3010SF4C Datasheet
807Kb / 4P
   3.0 mm x 1.0 mm Right Angle Infrared Emitting Diode
APA3010SF4C-P22 TO-GRACE-APA3010SF4C-P22 Datasheet
1,012Kb / 4P
   3.0 mm x 1.0 mm Right Angle Infrared Emitting Diode
logo
Kingbright Corporation
APA3010SF4C-P22 KINGBRIGHT-APA3010SF4C-P22 Datasheet
641Kb / 4P
   3.0 mm x 1.0 mm Right Angle Infrared Emitting Diode
APPA3010SF4C-P22 KINGBRIGHT-APPA3010SF4C-P22 Datasheet
644Kb / 4P
   3.0 x 1.0 mm Infrared Emitting Diode
logo
HK TO-GRACE TECHNOLOGY ...
APHHS1005F3C-70MAV TO-GRACE-APHHS1005F3C-70MAV Datasheet
778Kb / 4P
   1.0 x 0.5 mm Infrared Emitting Diode
logo
Kingbright Corporation
APDA3020F3C-P22 KINGBRIGHT-APDA3020F3C-P22 Datasheet
458Kb / 4P
   3.0 x 2.0 mm Infrared Emitting Diode
Rev No: V.1A
APA3010P3BT-P22 KINGBRIGHT-APA3010P3BT-P22 Datasheet
566Kb / 4P
   3.0 mm x 1.0 mm Right Angle Phototransistor
APA1606SF4C-P22 KINGBRIGHT-APA1606SF4C-P22 Datasheet
610Kb / 4P
   1.6 x 0.6 mm Right Angle Infrared Emitting Diode
logo
HK TO-GRACE TECHNOLOGY ...
KPGA-1602CGC-KA TO-GRACE-KPGA-1602CGC-KA Datasheet
870Kb / 4P
   3.0 mm x 1.0 mm Right Angle SMD Chip LED Lamp
APBA3010YSGC-GX TO-GRACE-APBA3010YSGC-GX Datasheet
917Kb / 4P
   3.0 mm x 1.0 mm Right Angle SMD Chip LED Lamp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com