Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

100N03A Datasheet(PDF) 1 Page - KIA Semiconductor Technology

Part No. 100N03A
Description  90A,30V N-CHANNEL MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KIA [KIA Semiconductor Technology]
Homepage  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology

100N03A Datasheet(HTML) 1 Page - KIA Semiconductor Technology

  100N03A Datasheet HTML 1Page - KIA Semiconductor Technology 100N03A Datasheet HTML 2Page - KIA Semiconductor Technology 100N03A Datasheet HTML 3Page - KIA Semiconductor Technology 100N03A Datasheet HTML 4Page - KIA Semiconductor Technology 100N03A Datasheet HTML 5Page - KIA Semiconductor Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
90A,30V
N-CHANNEL MOSFET
KIA
SEMICONDUCTOR
S
100N03A
KIA
SEMICONDUCTOR
S
KIA
SEMICONDUCTORS
1.Description
This Power MOSFET is produced using KIA`s advanced planar stripe DMOS technology. This
advanced technology has been especially tailored to minimize on-state resistance, provide superior
switching performance, and withstand high energy pulse in the avalanche and commutation mode. These
devices are well suited for high efficiency switched mode power supplies, active power factor correction
based on half bridge topology.
2. Features
n
RDS(on)=3.1m
Ω@VGS=10V
n
Improved dv/dt capability
n
Fast switching
n
Green device available
3.Symbol
1 of5
Rev 1.2 Oct. 2016
Pin
Function
1
Gate
2
Drain
3
Source


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn