Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

100N03A Datasheet(PDF) 2 Page - KIA Semiconductor Technology

Part No. 100N03A
Description  90A,30V N-CHANNEL MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KIA [KIA Semiconductor Technology]
Homepage  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology

100N03A Datasheet(HTML) 2 Page - KIA Semiconductor Technology

  100N03A Datasheet HTML 1Page - KIA Semiconductor Technology 100N03A Datasheet HTML 2Page - KIA Semiconductor Technology 100N03A Datasheet HTML 3Page - KIA Semiconductor Technology 100N03A Datasheet HTML 4Page - KIA Semiconductor Technology 100N03A Datasheet HTML 5Page - KIA Semiconductor Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
90A,30V
N-CHANNEL MOSFET
KIA
SEMICONDUCTOR
S
100N03A
KIA
SEMICONDUCTOR
S
KIA
SEMICONDUCTORS
4. Absolute maximum ratings
(TA=25°C,unless otherwise noted)
Parameter
Symbol
Rating
Units
To-251/252
To-220/263
Drain-source voltage
VDSS
30
V
Gate-source voltage
VGSS
+20
V
Continuous drain current
TC=25ºC
ID
90
A
TC=100ºC
57
A
Pulse drain current (note 1)
TC=25ºC
IDP
360
A
Avalanche current (note 2)
IAS
50
A
Avalanche energy, (note 2)
EAS
125
mJ
Maximum power dissipation
TC=25 ºC
PD
88
158
W
Derate above 25
ºC
0.59
1.06
W/℃
Junction & storage temperature range
TJ,TSTG
-55-175
5. Thermal characteristics
Parameter
Symbol
Rating
Unit
Thermal resistance, Junction-ambient
RθJA
62
ºC/W
Thermal resistance, Junction-case
RθJC
1.7
ºC/W
2 of5
Rev 1.2 Oct. 2016


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn