Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DH71180 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # DH71180
Description  TUNING VARACTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DH71180 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

  DH71180 Datasheet HTML 1Page - List of Unclassifed Manufacturers DH71180 Datasheet HTML 2Page - List of Unclassifed Manufacturers DH71180 Datasheet HTML 3Page - List of Unclassifed Manufacturers DH71180 Datasheet HTML 4Page - List of Unclassifed Manufacturers DH71180 Datasheet HTML 5Page - List of Unclassifed Manufacturers DH71180 Datasheet HTML 6Page - List of Unclassifed Manufacturers DH71180 Datasheet HTML 7Page - List of Unclassifed Manufacturers DH71180 Datasheet HTML 8Page - List of Unclassifed Manufacturers DH71180 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
TUNING VARACTOR
High Q silicon hyperabrupt junction tuning varactor
1-39
SALES OFFICES: VISIT OUR WEB SITE AT
http://www.temex.net
HIGH Q SILICON HYPERABRUPT JUNCTION TUNING VARACTOR
Description
This series of silicon tuning varactors consists of hyperabrupt epitaxial devices. They incorporate
a passivated mesa technology. Packaged or chip devices are available for linear electronic tuning from
VHF up to Ku band.
Characteristics @ Ta = +25° C
Reverse breakdown voltage,
Vb = @ 10 µA: 20 V min.
Reverse current,
Ir @ 16 V:
200 nA
Figure of
Total capacitance (pF)
Tuning
merit (Q)
Ct
ratio
Test
f = 50 MHz f = 1 MHz f = 1 MHz f = 1 MHz f = 1 MHz
Ct1V/Ct12V
Ct1V/CT20V
conditions
Vr = 4 V
Vr = 1 V
Vr = 4 V
Vr = 12 V
Vr = 20 V
f = 1 MHz
f = 1 MHz
Type
Case (1)
typ.
typ.
±20%
typ.
typ.
typ.
typ.
Chip
DH76010
F27d
2200
2.5
1.2
0.6
0.5
4.1
4.9
EH76010
DH76015
F27d
2000
3.6
1.7
0.8
0.7
4.4
5.4
EH76015
DH76022
F27d
1700
5.2
2.4
1.1
0.9
4.7
5.8
EH76022
DH76033
F27d
1400
7.7
3.5
1.6
1.3
4.9
6.1
EH76033
DH76047
F27d
1000
11
4.9
2.2
1.7
5.0
6.4
EH76047
DH76068
F27d
700
16
6.9
3.0
2.4
5.1
6.5
EH76068
DH76100
F27d
400
23
10.2
4.5
3.5
5.2
6.7
EH76100
DH76150
F27d
140
34
15.2
6.6
5.1
5.2
6.8
EH76150
(1)
Custom cases available on request
Temperature ranges:
Operating junction (Tj) : -55° C to +150° C
Storage
: -65° C to +150° C
Typical junction capacitance reverse voltage
VR (V)
0.10
1.00
0.1
0.01
100
100.00
Profils in Cj
76010
76015
76022
76033
76047
76068
76100
76150
10
10.00


Similar Part No. - DH71180

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DH75C TOKO-DH75C Datasheet
52Kb / 1P
   High Reliability Fixed Inductors for Surface Mounting
logo
List of Unclassifed Man...
DH77 ETC2-DH77 Datasheet
131Kb / 2P
   MINIATURE DOUBLE-DIODE-TRIODE
More results

Similar Description - DH71180

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MV1403 ASI-MV1403 Datasheet
11Kb / 1P
   TUNING VARACTOR
MV1403 ASI-MV1403_07 Datasheet
35Kb / 1P
   TUNING VARACTOR
MV1404H ASI-MV1404H Datasheet
14Kb / 1P
   TUNING VARACTOR
MV1405HX ASI-MV1405HX Datasheet
14Kb / 1P
   TUNING VARACTOR
DKV6516 ASI-DKV6516 Datasheet
17Kb / 1P
   TUNING VARACTOR
MV1404 ASI-MV1404 Datasheet
11Kb / 1P
   TUNING VARACTOR
1N5140A ASI-1N5140A Datasheet
16Kb / 1P
   TUNING VARACTOR DIODE
1N5148 ASI-1N5148 Datasheet
16Kb / 1P
   TUNING VARACTOR DIODE
logo
New Jersey Semi-Conduct...
1N5439 NJSEMI-1N5439 Datasheet
364Kb / 1P
   VARACTOR TUNING DIODES
logo
Advanced Semiconductor
1N5142 ASI-1N5142 Datasheet
15Kb / 1P
   TUNING VARACTOR DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com