Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUD70N02-03P Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SUD70N02-03P
Description  N-Channel 20-V (D-S) 175 Degrees Celcious MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUD70N02-03P Datasheet(HTML) 1 Page - Vishay Siliconix

  SUD70N02-03P Datasheet HTML 1Page - Vishay Siliconix SUD70N02-03P Datasheet HTML 2Page - Vishay Siliconix SUD70N02-03P Datasheet HTML 3Page - Vishay Siliconix SUD70N02-03P Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
D TrenchFETr Power MOSFET
D 175_C Junction Temperature
D PWM Optimized for High-Efficiency
D 100% Rg Tested
APPLICATIONS
D Synchronous Buck Converter
- Low-Side
- Secondary Synchronous Rectifier
SUD70N02-03P
Vishay Siliconix
New Product
Document Number: 72246
S-31984—Rev. B, 13-Oct-03
www.vishay.com
1
N-Channel 20-V (D-S) 175_C MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)a
20
0.0033 @ VGS = 10 V
39
20
0.0053 @ VGS = 4.5 V
31
D
G
S
N-Channel MOSFET
TO-252
S
GD
Top View
Drain Connected to Tab
Ordering Information: SUD70N02-03P
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
"20
V
Continuous Drain Currenta
TA = 25_C
ID
39a
Continuous Drain Currenta
TC= 25_C
ID
70b
A
Pulsed Drain Current
IDM
100
A
Continuous Source Current (Diode Conduction)a
IS
37
Maximum Power Dissipation
TA = 25_C
PD
8.3a
W
Maximum Power Dissipation
TC = 25_C
PD
100
W
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to 175
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction to Ambienta
t v 10 sec
R
15
18
Maximum Junction-to-Ambienta
Steady State
RthJA
40
50
_C/W
Maximum Junction-to-Case
RthJC
1.2
1.5
C/W
Notes
a.
Surface Mounted on FR4 Board, t v 10 sec.
b.
Limited by package


Similar Part No. - SUD70N02-03P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUD70N02-04P VISHAY-SUD70N02-04P Datasheet
198Kb / 3P
   N-Channel 20-V (D-S) 175 MOSFET
08-Jun-04
SUD70N02-05P VISHAY-SUD70N02-05P Datasheet
44Kb / 4P
   N-Channel 20-V (D-S) 175C MOSFET
Rev. A, 30-Sep-02
More results

Similar Description - SUD70N02-03P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUP75N08-10 VISHAY-SUP75N08-10 Datasheet
59Kb / 4P
   N-Channel 75-V (D-S), 175 Degrees Celcious MOSFET
Rev. B, 24-Feb-98
SUM45N25-58 VISHAY-SUM45N25-58 Datasheet
44Kb / 5P
   N-Channel 250-V (D-S), 175 Degrees Celcious, MOSFET
Rev. A, 14-Jul-03
SUM110P06-08L VISHAY-SUM110P06-08L Datasheet
55Kb / 5P
   P-Channel 60-V (D-S) 175 Degrees Celcious MOSFET
Rev. A, 09-Aug-04
SUD50N03-10CP VISHAY-SUD50N03-10CP Datasheet
45Kb / 5P
   N-Channel 30-V (D-S), 175 Degrees Celcious, MOSFET PWM Optimized
Rev. B, 21-Jan-02
SUP40N06-25L VISHAY-SUP40N06-25L Datasheet
62Kb / 4P
   N-Channel 60-V (D-S), 175 Degrees Celcious MOSFET, Logic Level
Rev. C, 24-Feb-98
SUD50N02-09P VISHAY-SUD50N02-09P Datasheet
52Kb / 4P
   N-Channel 20-V (D-S) 175 Degree Celcious MOSFET
Rev. C, 14-Jun-04
SUB85N02-03 VISHAY-SUB85N02-03 Datasheet
66Kb / 5P
   N-Channel 20-V (D-S) 175 Degree Celcious MOSFET
Rev. B, 29-Dec-03
SUD40N08-16 VISHAY-SUD40N08-16 Datasheet
60Kb / 4P
   N-Channel 80-V (D-S) 175 Degree Celcious MOSFET
Rev. C, 23-Feb-04
SUD50N04-07L VISHAY-SUD50N04-07L Datasheet
73Kb / 5P
   N-Channel 40-V (D-S), 175 Degree Celcious MOSFET
Rev. B, 13-Oct-03
SUP60N10-16L VISHAY-SUP60N10-16L Datasheet
41Kb / 5P
   N-Channel 100-V (D-S) 175 Degree Celcious MOSFET
Rev. B, 31-Mar-03
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com