Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SUD50N06-16 Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. SUD50N06-16
Description  N-Channel 60-V (D-S) 175 Degreee Celcious MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

SUD50N06-16 Datasheet(HTML) 3 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SUD50N06-16
Vishay Siliconix
New Product
Document Number: 72396
S-31921—Rev. A, 15-Sep-03
www.vishay.com
3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
4
8
12
16
20
0
102030
405060
0
20
40
60
80
100
120
0
102030
405060
0.000
0.004
0.008
0.012
0.016
0.020
0.024
0
20406080
100
0
20
40
60
80
100
012
34
567
0
20
40
60
80
100
0
2468
10
0
500
1000
1500
2000
2500
3000
0
102030
405060
Output Characteristics
Transfer Characteristics
Capacitance
Gate Charge
Transconductance
On-Resistance vs. Drain Current
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
Qg - Total Gate Charge (nC)
ID - Drain Current (A)
VDS - Drain-to-Source Voltage (V)
-55_C
TC = 125_C
VDS = 30 V
ID = 50 A
VGS = 10 thru 7 V
5 V
VGS = 10 V
TC = -55_C
25_C
125_C
Coss
Ciss
ID - Drain Current (A)
25_C
Crss
4 V
6 V


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn