Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUD50N06-16 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SUD50N06-16
Description  N-Channel 60-V (D-S) 175 Degreee Celcious MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUD50N06-16 Datasheet(HTML) 2 Page - Vishay Siliconix

  SUD50N06-16 Datasheet HTML 1Page - Vishay Siliconix SUD50N06-16 Datasheet HTML 2Page - Vishay Siliconix SUD50N06-16 Datasheet HTML 3Page - Vishay Siliconix SUD50N06-16 Datasheet HTML 4Page - Vishay Siliconix SUD50N06-16 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SUD50N06-16
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 72396
S-31921—Rev. A, 15-Sep-03
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typa
Max
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
60
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
2.0
4.0
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
VDS = 60 V, VGS = 0 V
1
Zero Gate Voltage Drain Current
IDSS
VDS = 60 V, VGS = 0 V, TJ = 125_C
50
mA
g
DSS
VDS = 60 V, VGS = 0 V, TJ = 175_C
250
m
On-State Drain Currentb
ID(on)
VDS = 5 V, VGS = 10 V
50
A
VGS = 10 V, ID = 20 A
0.0128
0.016
Drain-Source On-State Resistanceb
rDS(on)
VGS = 10 V, ID = 20 A, TJ = 125_C
0.027
W
DS(on)
VGS = 10 V, ID = 20 A, TJ = 175_C
0.032
Forward Transconductanceb
gfs
VDS = 15 V, ID = 20 A
20
S
Dynamica
Input Capacitance
Ciss
2100
Output Capacitance
Coss
VGS = 0 V, VDS = 25 V, F = 1 MHz
300
pF
Reverse Transfer Capacitance
Crss
125
Gate Resistance
Rg
f = 1 MHz
1.7
W
Total Gate Chargec
Qg
30
45
Gate-Source Chargec
Qgs
VDS = 30 V, VGS = 10 V, ID = 50 A
11
nC
Gate-Drain Chargec
Qgd
DS
, GS
, D
8
Turn-On Delay Timec
td(on)
10
15
Rise Timec
tr
VDD = 30 V, RL = 0.6 W
12
20
ns
Turn-Off Delay Timec
td(off)
VDD = 30 V, RL = 0.6 W
ID ^ 50 A, VGEN = 10 V, RG = 2.5 W
20
30
ns
Fall Timec
tf
10
15
Source-Drain Diode Ratings and Characteristic (TC = 25_C)
Pulsed Current
ISM
100
A
Diode Forward Voltageb
VSD
IF = 30 A, VGS = 0 V
1.0
1.5
V
Source-Drain Reverse Recovery Time
trr
IF = 50 A, di/dt = 100 A/ms
50
85
ns
Notes
a.
Guaranteed by design, not subject to production testing.
b.
Pulse test; pulse width v 300 ms, duty cycle v 2%.
c.
Independent of operating temperature.


Similar Part No. - SUD50N06-16

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUD50N06-12 VISHAY-SUD50N06-12 Datasheet
69Kb / 5P
   N-Channel 60-V (D-S) 175 C MOSFET
Rev. A, 15-Sep-03
More results

Similar Description - SUD50N06-16

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUM55P06-19L VISHAY-SUM55P06-19L Datasheet
61Kb / 5P
   P-Channel 60-V (D-S) 175 Degree Celcious MOSFET
Rev. B, 04-Oct-04
SUM110P06-07L VISHAY-SUM110P06-07L Datasheet
54Kb / 5P
   P-Channel 60-V (D-S) 175 Degree Celcious MOSFET
Rev. B, 03-May-04
SUM110P06-08L VISHAY-SUM110P06-08L Datasheet
55Kb / 5P
   P-Channel 60-V (D-S) 175 Degrees Celcious MOSFET
Rev. A, 09-Aug-04
SUP40N06-25L VISHAY-SUP40N06-25L Datasheet
62Kb / 4P
   N-Channel 60-V (D-S), 175 Degrees Celcious MOSFET, Logic Level
Rev. C, 24-Feb-98
SUD40N08-16 VISHAY-SUD40N08-16 Datasheet
60Kb / 4P
   N-Channel 80-V (D-S) 175 Degree Celcious MOSFET
Rev. C, 23-Feb-04
SUD50N02-09P VISHAY-SUD50N02-09P Datasheet
52Kb / 4P
   N-Channel 20-V (D-S) 175 Degree Celcious MOSFET
Rev. C, 14-Jun-04
SUD50N04-07L VISHAY-SUD50N04-07L Datasheet
73Kb / 5P
   N-Channel 40-V (D-S), 175 Degree Celcious MOSFET
Rev. B, 13-Oct-03
SUP75N08-10 VISHAY-SUP75N08-10 Datasheet
59Kb / 4P
   N-Channel 75-V (D-S), 175 Degrees Celcious MOSFET
Rev. B, 24-Feb-98
SUP60N10-16L VISHAY-SUP60N10-16L Datasheet
41Kb / 5P
   N-Channel 100-V (D-S) 175 Degree Celcious MOSFET
Rev. B, 31-Mar-03
SUB85N08-08 VISHAY-SUB85N08-08 Datasheet
63Kb / 5P
   N-Channel 75-V (D-S) 175 Degree Celcious MOSFET
Rev. B, 28-Aug-00
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com