Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD8065 Datasheet(PDF) 3 Page - SHOUDING Shouding Semiconductor

Part # SD8065
Description  Lithium titanate battery, lithium battery charge manager
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOUDING [SHOUDING Shouding Semiconductor]
Direct Link  http://shouding.net/
Logo SHOUDING - SHOUDING Shouding Semiconductor

SD8065 Datasheet(HTML) 3 Page - SHOUDING Shouding Semiconductor

  SD8065 Datasheet HTML 1Page - SHOUDING Shouding Semiconductor SD8065 Datasheet HTML 2Page - SHOUDING Shouding Semiconductor SD8065 Datasheet HTML 3Page - SHOUDING Shouding Semiconductor SD8065 Datasheet HTML 4Page - SHOUDING Shouding Semiconductor SD8065 Datasheet HTML 5Page - SHOUDING Shouding Semiconductor SD8065 Datasheet HTML 6Page - SHOUDING Shouding Semiconductor SD8065 Datasheet HTML 7Page - SHOUDING Shouding Semiconductor SD8065 Datasheet HTML 8Page - SHOUDING Shouding Semiconductor SD8065 Datasheet HTML 9Page - SHOUDING Shouding Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
X
X
a,b. YWW
SD8065B
SD8065A
封装/订购信息
1
2
3
65 YWW
4
5
CHRG GND BAT
PROG
Vcc
SOT-23-5L 封装
引脚功能
CHRG(引脚 1)
:漏极开路输出的充
电状态指示端。当充电器向电池充电
时,CHRG 管脚被内部开关拉到低电
平,表示充电正在进行;否则 CHRG
管脚处于高阻态。
GND(引脚 2):地
BAT(引脚 3):充电电流输出。该引
脚向电池提供充电电流并将最终浮充
电压调节至 4.2V。该引脚的一个精准
内部电阻分压器设定浮充电压,在停
机模式中,该内部电阻分压器断开。
VCC(引脚 4):正输入电源电压。该
引脚向充电器供电。VCC 的变化范围在
4V 至 8V 之间,并应通过至少一个
10μF 电容器进行旁路。当 VCC 降至
BAT 引脚电压的 30mV 以内,
进入停机模式,从而使 IBAT 降至 1μA
以下。
PROG(引脚 5):充电电流设定、充
电电流监控和停机引脚。在该引脚与
地之间连接一个精度为 1%的电阻器
RPROG 可以设定充电电流。当在恒定电
流模式下进行充电时,引脚的电压被
维持在 1V。
PROG 引脚还可用来关断充电器。
将设定电阻器与地断接,内部一个
0.2μA 电流将 PROG 引脚拉至高电平。
当该引脚的电压达到 2.7V 的停机门限
电压时,充电器进入停机模式,充电
停止且输入电源电流降至 65μA。重新
将 RPROG 与地相连将使充电器恢复正
常操作状态。
充满电压
订单型号
4.35V
4.20V
充满电压
充满电压
充满电压
充满电压
表示生产
表示
表示生产日期
(
)
SD8065
1
REV_1.
钛酸锂电池、锂电池充电管理器
钛酸锂电池、锂电池充电管理器
钛酸锂电池、锂电池充电管理器
钛酸锂电池、锂电池充电管理器
钛酸锂电池、锂电池充电管理器
SD8065
www.shouding.net


Similar Part No. - SD8065

ManufacturerPart #DatasheetDescription
logo
SHOUDING Shouding Semic...
SD8067 SHOUDING-SD8067 Datasheet
2Mb / 13P
   Linear lithium ion battery charging chip
SD8067A SHOUDING-SD8067A Datasheet
2Mb / 13P
   Linear lithium ion battery charging chip
SD8067B SHOUDING-SD8067B Datasheet
2Mb / 13P
   Linear lithium ion battery charging chip
SD8067C SHOUDING-SD8067C Datasheet
2Mb / 13P
   Linear lithium ion battery charging chip
SD8068 SHOUDING-SD8068 Datasheet
812Kb / 18P
   1A Lithium Ion Battery Linear Charger
More results

Similar Description - SD8065

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM4086 HMSEMI-HM4086 Datasheet
515Kb / 10P
   1 amp lithium titanate battery charge management IC
logo
Shanghai Consonance Ele...
CN3155 CONSONANCE-CN3155 Datasheet
165Kb / 11P
   Lithium Titanate Battery Charger IC
logo
Billiton Ltd.
TP5602 ASIC-TP5602 Datasheet
1Mb / 22P
   LIthIum-battery lIthIum-synchronous type 3 A lithium battery charge
logo
Shanghai awinic technol...
AW3206 AWINIC-AW3206 Datasheet
1Mb / 14P
   LIthIum-IonIzed P-MOSFET LIthIum Battery Charge
logo
National Semiconductor ...
LM3420-42 NSC-LM3420-42 Datasheet
393Kb / 17P
   Lithium-Ion Battery Charge Controller
LM3420-4.2 NSC-LM3420-4.2 Datasheet
384Kb / 17P
   Lithium-Ion Battery Charge Controller
logo
List of Unclassifed Man...
ER34615 ETC1-ER34615 Datasheet
113Kb / 2P
   LITHIUM BATTERY
logo
Shenzhen Huazhimei Semi...
HM5818 HMSEMI-HM5818 Datasheet
517Kb / 5P
   Lithium battery charge and discharge SOC
logo
Sanyo Semicon Device
LA5621M SANYO-LA5621M Datasheet
94Kb / 6P
   Lithium-Ion Battery Charge Control IC
logo
Mitsumi Electronics, Co...
MM3358 MITSUMI-MM3358 Datasheet
187Kb / 27P
   Lithium-Ion Battery Charge Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com