Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4346-CZZ Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS4346-CZZ
Description  10-PIN, 24-BIT, 192KHz STEREO D/A CONVERTER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4346-CZZ Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS4346-CZZ Datasheet HTML 5Page - Cirrus Logic CS4346-CZZ Datasheet HTML 6Page - Cirrus Logic CS4346-CZZ Datasheet HTML 7Page - Cirrus Logic CS4346-CZZ Datasheet HTML 8Page - Cirrus Logic CS4346-CZZ Datasheet HTML 9Page - Cirrus Logic CS4346-CZZ Datasheet HTML 10Page - Cirrus Logic CS4346-CZZ Datasheet HTML 11Page - Cirrus Logic CS4346-CZZ Datasheet HTML 12Page - Cirrus Logic CS4346-CZZ Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
CS4344/5/6/8
DS613PP2
9
SWITCHING CHARACTERISTICS - SERIAL AUDIO INTERFACE
Notes: 11. Not all sample rates are supported for all clock ratios. See table “Common Clock Frequencies” on
page 12 for supported ratio’s and frequencies.
12. In Internal SCLK Mode, the Duty Cycle must be 50%
+/− 1/2 MCLK Period.
13. The SCLK / LRCK ratio may be either 32, 48, 64, or 72. This ratio depends on part type and
MCLK/LRCK ratio. (See figures 7-9)
Parameters
Symbol
Min
Typ
Max
Units
MCLK Frequency
0.512
-
50
MHz
MCLK Duty Cycle
45
-
55
%
Input Sample Rate All MCLK/LRCK ratios combined
(Note 11)
256x, 384x, 1024x
256x, 384x
512x, 768x
1152x
128x, 192x
64x, 96x
128x, 192x
Fs
2
2
84
42
30
50
100
168
200
50
134
67
34
100
200
200
kHz
kHz
kHz
kHz
kHz
kHz
kHz
kHz
External SCLK Mode
LRCK Duty Cycle (External SCLK only)
45
50
55
%
SCLK Pulse Width Low
tsclkl
20
-
-
ns
SCLK Pulse Width High
tsclkh
20
-
-
ns
SCLK Duty Cycle
45
50
55
%
SCLK rising to LRCK edge delay
tslrd
20
-
-
ns
SCLK rising to LRCK edge setup time
tslrs
20
-
-
ns
SDIN valid to SCLK rising setup time
tsdlrs
20
-
-
ns
SCLK rising to SDIN hold time
tsdh
20
-
-
ns
Internal SCLK Mode
LRCK Duty Cycle (Internal SCLK only)
(Note 12)
-
50
-
%
SCLK Period
(Note 13)
tsclkw
--
ns
SCLK rising to LRCK edge
tsclkr
--
µs
SDIN valid to SCLK rising setup time
tsdlrs
--
ns
SCLK rising to SDIN hold time
MCLK / LRCK =1152, 1024, 512, 256, 128, or 64
tsdh
--
ns
SCLK rising to SDIN hold time
MCLK / LRCK = 768, 384, 192, or 96
tsdh
--
ns
109
SCLK
-----------------
tsclkw
2
------------------
109
512
()Fs
----------------------10
+
109
512
()Fs
----------------------15
+
109
384
()Fs
----------------------15
+


Similar Part No. - CS4346-CZZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4346-CZZ CIRRUS-CS4346-CZZ Datasheet
539Kb / 24P
   10-PIN, 24-BIT, 192KHz STEREO D/A CONVERTER
More results

Similar Description - CS4346-CZZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4344 CIRRUS-CS4344_05 Datasheet
539Kb / 24P
   10-PIN, 24-BIT, 192KHz STEREO D/A CONVERTER
logo
Jiaxing Heroic Technolo...
HT5010 HEROIC-HT5010 Datasheet
586Kb / 4P
   24-Bit, 192kHz Stereo D/A Converter
logo
Asahi Kasei Microsystem...
AK4430ET AKM-AK4430ET Datasheet
365Kb / 18P
   192kHz 24-Bit Stereo
logo
Suzhou Everest Semicond...
ES7144S EVEREST-ES7144S Datasheet
335Kb / 8P
   10-pin, 24-Bit Stereo D/A Converter for PCM Audio
logo
Wolfson Microelectronic...
WM8590 WOLFSON-WM8590 Datasheet
554Kb / 51P
   24-bit, 192kHz Stereo CODEC
WM8781 WOLFSON-WM8781 Datasheet
240Kb / 20P
   24-Bit, 192kHz Stereo ADC
WM8786 WOLFSON-WM8786 Datasheet
238Kb / 22P
   24-Bit, 192kHz Stereo ADC
WM8785 WOLFSON-WM8785_06 Datasheet
313Kb / 31P
   24-Bit, 192kHz Stereo ADC
WM8778 WOLFSON-WM8778_05 Datasheet
528Kb / 50P
   24-bit, 192kHz Stereo CODEC
WM8786 WOLFSON-WM8786_07 Datasheet
277Kb / 24P
   24-Bit, 192kHz Stereo ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com