Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4346-CZZ Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS4346-CZZ
Description  10-PIN, 24-BIT, 192KHz STEREO D/A CONVERTER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4346-CZZ Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS4346-CZZ Datasheet HTML 4Page - Cirrus Logic CS4346-CZZ Datasheet HTML 5Page - Cirrus Logic CS4346-CZZ Datasheet HTML 6Page - Cirrus Logic CS4346-CZZ Datasheet HTML 7Page - Cirrus Logic CS4346-CZZ Datasheet HTML 8Page - Cirrus Logic CS4346-CZZ Datasheet HTML 9Page - Cirrus Logic CS4346-CZZ Datasheet HTML 10Page - Cirrus Logic CS4346-CZZ Datasheet HTML 11Page - Cirrus Logic CS4346-CZZ Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
CS4344/5/6/8
8
DS613PP2
DIGITAL INPUT CHARACTERISTICS
7. Iin for LRCK is ±20 µA max.
POWER AND THERMAL CHARACTERISTICS
8. Current consumption increases with increasing FS and increasing MCLK. Typ and Max values are
based on highest FS and highest MCLK. Variance between speed modes is small.
9. Power down mode is defined when all clock and data lines are held static.
10. Valid with the recommended capacitor values on VQ and FILT+ as shown in the typical connection
diagram in Section 3.
Parameters
Symbol
Min
Typ
Max
Units
High-Level Input Voltage
(% of VA)
VIH
55%
-
-
V
Low-Level Input Voltage
(% of VA)
VIL
--
30%
V
Input Leakage Current
(Note 7)
Iin
--
±10
µA
Input Capacitance
-
8
-
pF
5V Nom
3.3 V Nom
Parameters
Symbol Min
Typ
Max
Min
Typ
Max
Units
Power Supplies
Power Supply Current
normal operation
(Note 8)
power-down state (Note 9)
IA
IA
-
-
22
220
30
-
-
-
16
100
21
-
mA
µA
Power Dissipation
normal operation
power-down state (Note 9)
-
-
110
1.1
150
-
-
-
53
0.33
69
-
mW
mW
Package Thermal Resistance
θJA
-95-
-95-
°C/Watt
Power Supply Rejection Ratio (Note 8)
(1 kHz)
(60 Hz)
PSRR
-
-
60
40
-
-
-
-
60
40
-
-
dB
dB
AOU Tx
AGN D
3.3 µF
V
out
R
L
C
L
Figure 1. Output Test Load
100
50
75
25
2.5
510
15
Safe Operating
Region
Resistive Load -- R (k
Ω )
L
125
3
20
Figure 2. Maximum Loading


Similar Part No. - CS4346-CZZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4346-CZZ CIRRUS-CS4346-CZZ Datasheet
539Kb / 24P
   10-PIN, 24-BIT, 192KHz STEREO D/A CONVERTER
More results

Similar Description - CS4346-CZZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4344 CIRRUS-CS4344_05 Datasheet
539Kb / 24P
   10-PIN, 24-BIT, 192KHz STEREO D/A CONVERTER
logo
Jiaxing Heroic Technolo...
HT5010 HEROIC-HT5010 Datasheet
586Kb / 4P
   24-Bit, 192kHz Stereo D/A Converter
logo
Asahi Kasei Microsystem...
AK4430ET AKM-AK4430ET Datasheet
365Kb / 18P
   192kHz 24-Bit Stereo
logo
Suzhou Everest Semicond...
ES7144S EVEREST-ES7144S Datasheet
335Kb / 8P
   10-pin, 24-Bit Stereo D/A Converter for PCM Audio
logo
Wolfson Microelectronic...
WM8590 WOLFSON-WM8590 Datasheet
554Kb / 51P
   24-bit, 192kHz Stereo CODEC
WM8781 WOLFSON-WM8781 Datasheet
240Kb / 20P
   24-Bit, 192kHz Stereo ADC
WM8786 WOLFSON-WM8786 Datasheet
238Kb / 22P
   24-Bit, 192kHz Stereo ADC
WM8785 WOLFSON-WM8785_06 Datasheet
313Kb / 31P
   24-Bit, 192kHz Stereo ADC
WM8778 WOLFSON-WM8778_05 Datasheet
528Kb / 50P
   24-bit, 192kHz Stereo CODEC
WM8786 WOLFSON-WM8786_07 Datasheet
277Kb / 24P
   24-Bit, 192kHz Stereo ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com