Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GD25S513MDFER Datasheet(PDF) 36 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25S513MDFER
Description  3.3V Uniform Sector Dual and Quad Serial Flash
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25S513MDFER Datasheet(HTML) 36 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25S513MDFER Datasheet HTML 32Page - GigaDevice Semiconductor (Beijing) Inc. GD25S513MDFER Datasheet HTML 33Page - GigaDevice Semiconductor (Beijing) Inc. GD25S513MDFER Datasheet HTML 34Page - GigaDevice Semiconductor (Beijing) Inc. GD25S513MDFER Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. GD25S513MDFER Datasheet HTML 36Page - GigaDevice Semiconductor (Beijing) Inc. GD25S513MDFER Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. GD25S513MDFER Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. GD25S513MDFER Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. GD25S513MDFER Datasheet HTML 40Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 94 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25S513MD
36
Figure 24 Fast Read Quad Output with 4-Byte Address Sequence Diagram (ADS=0 or ADS=1)
Command
0
1
2
3
4
5
6
7
6CH
CS#
SCLK
SI(IO0)
SO(IO1)
High-Z
8
9 10
36 37 38 39
3
2
1
0
31 30 29
32-bit address
1
5
1
5
1
5
1
Byte1
5
Dummy Clocks
0
4
0
4
0
4
0
4
4
5
IO2
High-Z
IO3
High-Z
CS#
SCLK
SI(IO0)
SO(IO1)
IO2
IO3
2
6
2
6
2
6
2
6
6
3
7
3
7
3
7
3
7
7
Byte2 Byte3 Byte4
42 43 44 45
41
46 47
40
50 51 52 53
49
54 55
48


Similar Part No. - GD25S513MDFER

ManufacturerPart #DatasheetDescription
logo
GigaDevice Semiconducto...
GD25S513MD GIGADEVICE-GD25S513MD Datasheet
4Mb / 28P
   MCU
More results

Similar Description - GD25S513MDFER

ManufacturerPart #DatasheetDescription
logo
GigaDevice Semiconducto...
GD25Q80C GIGADEVICE-GD25Q80C Datasheet
1Mb / 67P
   3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q64C GIGADEVICE-GD25Q64C Datasheet
1Mb / 74P
   3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q127C GIGADEVICE-GD25Q127C Datasheet
1Mb / 79P
   3.3V Uniform Sector Dual and Quad Serial Flash
GD25B257D GIGADEVICE-GD25B257D Datasheet
1Mb / 92P
   3.3V Uniform Sector Dual and Quad Serial Flash
logo
ELM Electronics
GD25Q128CXIGX ELM-GD25Q128CXIGX Datasheet
2Mb / 69P
   3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q32CXIGX ELM-GD25Q32CXIGX Datasheet
3Mb / 50P
   3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q16 ELM-GD25Q16 Datasheet
3Mb / 49P
   3.3V Uniform Sector Dual and Quad Serial Flash
logo
GigaDevice Semiconducto...
GD25R256D GIGADEVICE-GD25R256D Datasheet
1Mb / 82P
   3.3V Uniform Sector Dual and Quad Serial Flash
GD25B64C GIGADEVICE-GD25B64C Datasheet
1Mb / 57P
   3.3V Uniform Sector Dual and Quad Serial Flash
logo
ELM Electronics
GD25Q32 ELM-GD25Q32 Datasheet
3Mb / 50P
   3.3V Uniform Sector Dual and Quad Serial Flash
logo
GigaDevice Semiconducto...
GD25B256D GIGADEVICE-GD25B256D Datasheet
1Mb / 82P
   3.3V Uniform Sector Dual and Quad Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com