Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GD25Q257DFER Datasheet(PDF) 71 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q257DFER
Description  3.3V Uniform Sector Dual and Quad Serial Flash
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q257DFER Datasheet(HTML) 71 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q257DFER Datasheet HTML 67Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFER Datasheet HTML 68Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFER Datasheet HTML 69Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFER Datasheet HTML 70Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFER Datasheet HTML 71Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFER Datasheet HTML 72Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFER Datasheet HTML 73Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFER Datasheet HTML 74Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFER Datasheet HTML 75Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 99 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q257D
71
8.39. Read Serial Flash Discoverable Parameter (5AH)
The Serial Flash Discoverable Parameter (SFDP) standard provides a consistent method of describing the functional
and feature capabilities of serial flash devices in a standard set of internal parameter tables. These parameter tables can
be interrogated by host system software to enable adjustments needed to accommodate divergent features from multiple
vendors. The concept is similar to the one found in the Introduction of JEDEC Standard, JESD68 on CFI. SFDP is a standard
of JEDEC Standard No.216B.
Figure 81. Read Serial Flash Discoverable Parameter command Sequence Diagram
Command
0
1
2
3
4
5
6
7
5AH
CS#
SCLK
SI
SO
High-Z
8
9 10
28 29 30 31
3
2
1
0
23 22 21
24-bit address
MSB
34 35 36 37
33
6
5
4
3
2
1
0
38 39
Data Out1
32
42 43 44 45
41
46 47
40
7
6
5
4
3
2
1
0
7
6
5
7
Data Out2
CS#
SCLK
SI
SO
MSB
Dummy Byte


Similar Part No. - GD25Q257DFER

ManufacturerPart #DatasheetDescription
logo
GigaDevice Semiconducto...
GD25Q257D GIGADEVICE-GD25Q257D Datasheet
4Mb / 28P
   MCU
More results

Similar Description - GD25Q257DFER

ManufacturerPart #DatasheetDescription
logo
GigaDevice Semiconducto...
GD25Q80C GIGADEVICE-GD25Q80C Datasheet
1Mb / 67P
   3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q64C GIGADEVICE-GD25Q64C Datasheet
1Mb / 74P
   3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q127C GIGADEVICE-GD25Q127C Datasheet
1Mb / 79P
   3.3V Uniform Sector Dual and Quad Serial Flash
GD25B257D GIGADEVICE-GD25B257D Datasheet
1Mb / 92P
   3.3V Uniform Sector Dual and Quad Serial Flash
logo
ELM Electronics
GD25Q128CXIGX ELM-GD25Q128CXIGX Datasheet
2Mb / 69P
   3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q32CXIGX ELM-GD25Q32CXIGX Datasheet
3Mb / 50P
   3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q16 ELM-GD25Q16 Datasheet
3Mb / 49P
   3.3V Uniform Sector Dual and Quad Serial Flash
logo
GigaDevice Semiconducto...
GD25R256D GIGADEVICE-GD25R256D Datasheet
1Mb / 82P
   3.3V Uniform Sector Dual and Quad Serial Flash
GD25B64C GIGADEVICE-GD25B64C Datasheet
1Mb / 57P
   3.3V Uniform Sector Dual and Quad Serial Flash
logo
ELM Electronics
GD25Q32 ELM-GD25Q32 Datasheet
3Mb / 50P
   3.3V Uniform Sector Dual and Quad Serial Flash
logo
GigaDevice Semiconducto...
GD25B256D GIGADEVICE-GD25B256D Datasheet
1Mb / 82P
   3.3V Uniform Sector Dual and Quad Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com