Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GD25Q257DFER Datasheet(PDF) 24 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q257DFER
Description  3.3V Uniform Sector Dual and Quad Serial Flash
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q257DFER Datasheet(HTML) 24 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q257DFER Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFER Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFER Datasheet HTML 22Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFER Datasheet HTML 23Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFER Datasheet HTML 24Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFER Datasheet HTML 25Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFER Datasheet HTML 26Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFER Datasheet HTML 27Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257DFER Datasheet HTML 28Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 99 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q257D
24
8.1. Write Enable (WREN) (06H)
The Write Enable (WREN) command is for setting the Write Enable Latch (WEL) bit. The Write Enable Latch (WEL)
bit must be set prior to every Page Program (PP), Quad Page Program (QPP), Sector Erase (SE), Block Erase (BE), Chip
Erase (CE), Write Status Register (WRSR). The Write Enable (WREN) command sequence: CS# goes low  sending the
Write Enable command  CS# goes high.
Figure 5. Write Enable Sequence Diagram
8.2. Write Disable (WRDI) (04H)
The Write Disable command is for resetting the Write Enable Latch (WEL) bit. The Write Enable Latch (WEL) bit may
be set to 0 by issuing the Write Disable (WRDI) command to disable Page Program (PP), Quad Page Program (QPP),
Sector Erase (SE), Block Erase (BE), Chip Erase (CE), Write Status Register (WRSR), that require WEL be set to 1 for
execution. The WRDI command can be used by the user to protect memory areas against inadvertent writes that can
possibly corrupt the contents of the memory. The WRDI command is ignored during an embedded operation while WIP bit
=1.
The WEL bit is reset by following condition: Write Disable command (WRDI), Power-up, and upon completion of the
Write Status Register, Page Program, Sector Erase, Block Erase and Chip Erase commands.
The Write Disable command sequence: CS# goes low Sending the Write Disable command CS# goes high.
Figure 6. Write Disable Sequence Diagram
Command
0
1
2
3
4
5
6
7
06H
CS#
SCLK
SI
SO
High-Z
Command
0
1
2
3
4
5
6
7
04H
CS#
SCLK
SI
SO
High-Z


Similar Part No. - GD25Q257DFER

ManufacturerPart #DatasheetDescription
logo
GigaDevice Semiconducto...
GD25Q257D GIGADEVICE-GD25Q257D Datasheet
4Mb / 28P
   MCU
More results

Similar Description - GD25Q257DFER

ManufacturerPart #DatasheetDescription
logo
GigaDevice Semiconducto...
GD25Q80C GIGADEVICE-GD25Q80C Datasheet
1Mb / 67P
   3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q64C GIGADEVICE-GD25Q64C Datasheet
1Mb / 74P
   3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q127C GIGADEVICE-GD25Q127C Datasheet
1Mb / 79P
   3.3V Uniform Sector Dual and Quad Serial Flash
GD25B257D GIGADEVICE-GD25B257D Datasheet
1Mb / 92P
   3.3V Uniform Sector Dual and Quad Serial Flash
logo
ELM Electronics
GD25Q128CXIGX ELM-GD25Q128CXIGX Datasheet
2Mb / 69P
   3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q32CXIGX ELM-GD25Q32CXIGX Datasheet
3Mb / 50P
   3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q16 ELM-GD25Q16 Datasheet
3Mb / 49P
   3.3V Uniform Sector Dual and Quad Serial Flash
logo
GigaDevice Semiconducto...
GD25R256D GIGADEVICE-GD25R256D Datasheet
1Mb / 82P
   3.3V Uniform Sector Dual and Quad Serial Flash
GD25B64C GIGADEVICE-GD25B64C Datasheet
1Mb / 57P
   3.3V Uniform Sector Dual and Quad Serial Flash
logo
ELM Electronics
GD25Q32 ELM-GD25Q32 Datasheet
3Mb / 50P
   3.3V Uniform Sector Dual and Quad Serial Flash
logo
GigaDevice Semiconducto...
GD25B256D GIGADEVICE-GD25B256D Datasheet
1Mb / 82P
   3.3V Uniform Sector Dual and Quad Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com