Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-51505NFJ-SLW-AC Datasheet(PDF) 9 Page - OPTREX CORPORATION

Part # C-51505NFJ-SLW-AC
Description  LCD Module Technical Specification
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTREX [OPTREX CORPORATION]
Direct Link  http://www.kyocera-display.eu
Logo OPTREX - OPTREX CORPORATION

C-51505NFJ-SLW-AC Datasheet(HTML) 9 Page - OPTREX CORPORATION

Back Button C-51505NFJ-SLW-AC Datasheet HTML 5Page - OPTREX CORPORATION C-51505NFJ-SLW-AC Datasheet HTML 6Page - OPTREX CORPORATION C-51505NFJ-SLW-AC Datasheet HTML 7Page - OPTREX CORPORATION C-51505NFJ-SLW-AC Datasheet HTML 8Page - OPTREX CORPORATION C-51505NFJ-SLW-AC Datasheet HTML 9Page - OPTREX CORPORATION C-51505NFJ-SLW-AC Datasheet HTML 10Page - OPTREX CORPORATION C-51505NFJ-SLW-AC Datasheet HTML 11Page - OPTREX CORPORATION C-51505NFJ-SLW-AC Datasheet HTML 12Page - OPTREX CORPORATION C-51505NFJ-SLW-AC Datasheet HTML 13Page - OPTREX CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
C-51505NFJ-SLW-AC (AC) No. 2002-0177
OPTREX CORPORATION
Page 9/18
4.I/O Terminal
4.1.Pin Assignment
CN1
No.
Symbol
Function
1
LED (A)
LED Anode Terminal
2
LED (K)
LED Cathode Terminal
3
VSS
Power Supply (0V, GND)
4
VCC
Power Supply for Logic
5
VEE
Power Supply for LCD Drive
6
RS
Register Select Signal
7
R/W
Read/Write Select Signal H : Read L : Write
8
E
Enable Signal (No pull-up Resister)
9
DB0
Data Bus Line / Non-connection at 4-bit operation
10
DB1
Data Bus Line / Non-connection at 4-bit operation
11
DB2
Data Bus Line / Non-connection at 4-bit operation
12
DB3
Data Bus Line / Non-connection at 4-bit operation
13
DB4
Data Bus Line
14
DB5
Data Bus Line
15
DB6
Data Bus Line
16
DB7
Data Bus Line
CN2
No.
Symbol
Function
17
LED (A)
LED Anode Terminal
18
LED (K)
LED Cathode Terminal
4.2.Example of Power Supply
It is recommended to apply a potentiometer for the contrast adjust due to the
tolerance of the driving voltage and its temperature dependence.
MODULE
VCC
VEE
VSS
VCC (+Voltage)
VR=10~20KΩ
VSS (0V)
VR


Similar Part No. - C-51505NFJ-SLW-AC

ManufacturerPart #DatasheetDescription
logo
OPTREX CORPORATION
C-51505NFJ-SLG-AB OPTREX-C-51505NFJ-SLG-AB Datasheet
80Kb / 18P
   LCD Module Technical Specification
More results

Similar Description - C-51505NFJ-SLW-AC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T-51513D104J-FW-A-AD ETC2-T-51513D104J-FW-A-AD Datasheet
671Kb / 17P
   LCD Module Technical Specification
logo
OPTREX CORPORATION
C-51505NJQJ-LR-AG OPTREX-C-51505NJQJ-LR-AG Datasheet
79Kb / 18P
   LCD Module Technical Specification
T-55343GD035JU-LW-ADN OPTREX-T-55343GD035JU-LW-ADN Datasheet
1Mb / 33P
   LCD MODULE TECHNICAL SPECIFICATION
T-55265GD057J-LW-ADN OPTREX-T-55265GD057J-LW-ADN Datasheet
790Kb / 28P
   LCD Module Technical Specification
logo
Kyocera Kinseki Corpota...
T-51750GD065J-LW-AQN KSS-T-51750GD065J-LW-AQN Datasheet
838Kb / 2P
   LCD Module Technical Specification
F-51553GNBJ-LW-AFN KSS-F-51553GNBJ-LW-AFN Datasheet
736Kb / 31P
   LCD Module Technical Specification
F-55472GNFQJ-LG-ADN KSS-F-55472GNFQJ-LG-ADN Datasheet
1Mb / 31P
   LCD Module Technical Specification
logo
List of Unclassifed Man...
T-51863D150J ETC2-T-51863D150J Datasheet
2Mb / 39P
   LCD Module Technical Specification
logo
OPTREX CORPORATION
DMC-50747NF-AK OPTREX-DMC-50747NF-AK Datasheet
102Kb / 17P
   LCD Module Technical Specification
F-51477GNF-SLY-AA OPTREX-F-51477GNF-SLY-AA Datasheet
478Kb / 18P
   LCD MODULE TECHNICAL SPECIFICATION
T-51382D064-FW-P-AB OPTREX-T-51382D064-FW-P-AB Datasheet
125Kb / 17P
   LCD Module Technical Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com