Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV202BBCZ-150 Datasheet(PDF) 27 Page - Analog Devices

Part # ADV202BBCZ-150
Description  JPEG2000 Video Codec
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV202BBCZ-150 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADV202BBCZ-150 Datasheet HTML 23Page - Analog Devices ADV202BBCZ-150 Datasheet HTML 24Page - Analog Devices ADV202BBCZ-150 Datasheet HTML 25Page - Analog Devices ADV202BBCZ-150 Datasheet HTML 26Page - Analog Devices ADV202BBCZ-150 Datasheet HTML 27Page - Analog Devices ADV202BBCZ-150 Datasheet HTML 28Page - Analog Devices ADV202BBCZ-150 Datasheet HTML 29Page - Analog Devices ADV202BBCZ-150 Datasheet HTML 30Page - Analog Devices ADV202BBCZ-150 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
ADV202
Rev. 0 | Page 27 of 40
CONTROL ACCESS REGISTERS
With the exception of the indirect address and data registers
(IADDR and IDATA), all control/status registers in the ADV202
are 16 bits wide and are half-word (16-bit) addressable only.
When 32-bit host mode is enabled, the upper 16 bits of the
HDATA bus are ignored on writes and return all zeros on reads
of 16-bit registers.
PIN CONFIGURATION AND BUS SIZES/MODES
The ADV202 provides a wide variety of control and data
configurations, which allows it to be used in many applications
with little or no glue logic. The following modes are configured
using the BUSMODE register. In the following descriptions, host
refers to normal addressed accesses (CS/RD/WR/ADDR) and
data refers to external DMA accesses (DREQ/DACK).
32-Bit Host/32-Bit Data
In this mode, the HDATA<31:0> pins provide full 32-bit wide
data access to PIXEL, CODE, ATTR, and ANCL FIFOs. The
expanded video interface (VDATA) is not available in this
mode.
16-Bit Host/32-Bit Data
This mode allows a 16-bit host to configure and communicate
with the ADV202 while still allowing 32-bit accesses to the
PIXEL, CODE, ATTR, and ANCL FIFOs using the external
DMA capability.
All addressed host accesses are 16 bits and, therefore, use only
the HDATA<15:0> pins. The HDATA<31:16> pins provide the
additional 16 bits necessary to support the 32-bit external DMA
transfers to and from the FIFOs only. The expanded video
interface (VDATA) is not available in this mode.
16-Bit Host/16-Bit Data
This mode uses 16-bit transfers, if used for host or external
DMA data transfers. This mode allows for the use of the
extended pixel interface modes.
16-Bit Host/8-Bit Data (JDATA Bus Mode)
This mode provides separate data input/output and host control
interface pins. Host control accesses are 16 bits and use
HDATA<15:0>, while the dedicated data bus uses JDATA<7:0>.
JDATA uses a valid/hold synchronous transfer protocol. The
direction of the JDATA bus is determined by the mode of the
ADV202. If the ADV202 is encoding (compression), then
JDATA<7:0> is an output. If the ADV202 is decoding
(decompression), then JDATA<7:0> is an input. Host control
accesses remain asynchronous. See also JDATA section below.
STAGE REGISTER
Because the ADV202 contains both 16-bit and 32-bit registers
and its internal memory is mapped as 32-bit data, a mechanism
has been provided to allow 16-bit hosts to access these registers
and memory locations using the stage register (STAGE). STAGE
is accessed as a 16-bit register using HDATA[15:0]. Prior to
writing to the desired register, the stage register must be written
with the upper (most significant) half-word.
When the host subsequently writes the lower half-word to the
desired control register, HDATA is combined with the
previously staged value to create the required 32-bit value that is
written. When a register is read, the upper (most significant)
half-word is returned immediately on HDATA and the lower
half-word can be retrieved by reading the stage register on a
subsequent access. For details on using the stage register, see the
ADV202 User’s Guide.
Note: The stage register does not apply to the four data channels
(PIXEL, CODE, ATTR, or ANCL). These channels are always
accessed at the specified data width and do not require the use
of the stage register.
JDATA MODE
JDATA mode is typically used only when the dedicated video
interface (VDATA) is also enabled. This mode allows code
stream data (compressed data compliant with JPEG2000) to be
input or output on a single dedicated 8-bit bus (JDATA<7:0>).
The bus is always an output during compression operations, and
is an input during decompression.
A 2-pin handshake is used to transfer data over this
synchronous interface. VALID is used to indicate that the
ADV202 is ready to provide or accept data and is always an
output. HOLD is always an input and is asserted by the host if it
cannot accept/provide data. For example, JDATA mode allows
real-time applications, in which pixel data is input over the
VDATA bus while the compressed data stream is output over
the JDATA bus.
EXTERNAL DMA ENGINE
The external DMA interface is provided to enable high
bandwidth data I/O between an external DMA controller and
the ADV202 data FIFOs. Two independent DMA channels can
each be assigned to any one of the four data stream FIFOs
(PIXEL, CODE, ATTR, or ANCL).
The controller supports asynchronous DMA using a
Data-Request/Data-Acknowledge (DREQ/DACK) protocol in
either single or burst access modes. Additional functionality is
provided for single address compatibility (fly-by) and dedicated
chip select (DCS) modes.
SPI PORT
The SPI port provides serial communication to and from the
ADV202. The ADV202 is always the SPI master.


Similar Part No. - ADV202BBCZ-150

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV202BBCZ-150 AD-ADV202BBCZ-150 Datasheet
447Kb / 40P
   JPEG2000 Video Codec
REV. D
More results

Similar Description - ADV202BBCZ-150

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV202BBCZRL-115 AD-ADV202BBCZRL-115 Datasheet
447Kb / 40P
   JPEG2000 Video Codec
REV. D
ADV202 AD-ADV202_15 Datasheet
447Kb / 40P
   JPEG2000 Video Codec
Rev. D
ADV212 AD-ADV212_15 Datasheet
478Kb / 44P
   Wavescale Video Codec
Rev. B
ADV212-HD-EB AD-ADV212-HD-EB Datasheet
478Kb / 44P
   Wavescale Video Codec
REV. B
ADV601LCJSTZ AD-ADV601LCJSTZ Datasheet
546Kb / 44P
   Ultralow Cost Video Codec
REV. 0
ADV212 AD-ADV212 Datasheet
394Kb / 44P
   JPEG 2000 Video Codec
REV. 0
ADV601LC AD-ADV601LC Datasheet
472Kb / 44P
   Ultralow Cost Video Codec
REV. 0
ADV601LC AD-ADV601LC_15 Datasheet
546Kb / 44P
   Ultralow Cost Video Codec
REV. 0
ADV601 AD-ADV601 Datasheet
606Kb / 52P
   Low Cost Multiformat Video Codec
REV. 0
ADV7202 AD-ADV7202 Datasheet
216Kb / 26P
   Simultaneous Sampling Video Rate Codec
REV. PrB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com