Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV202BBCZ-150 Datasheet(PDF) 35 Page - Analog Devices

Part # ADV202BBCZ-150
Description  JPEG2000 Video Codec
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV202BBCZ-150 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADV202BBCZ-150 Datasheet HTML 31Page - Analog Devices ADV202BBCZ-150 Datasheet HTML 32Page - Analog Devices ADV202BBCZ-150 Datasheet HTML 33Page - Analog Devices ADV202BBCZ-150 Datasheet HTML 34Page - Analog Devices ADV202BBCZ-150 Datasheet HTML 35Page - Analog Devices ADV202BBCZ-150 Datasheet HTML 36Page - Analog Devices ADV202BBCZ-150 Datasheet HTML 37Page - Analog Devices ADV202BBCZ-150 Datasheet HTML 38Page - Analog Devices ADV202BBCZ-150 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
ADV202
Rev. 0 | Page 35 of 40
DECODE—MULTICHIP MASTER/SLAVE
In a master/slave configuration, it is expected that the master
HVF outputs are connected to the slave HVF inputs and that
each SCOMM[5] pin is connected to the same GPIO on the
host.
In a slave/slave configuration, the common HVF for both
ADV202s is generated by an external house sync and each
SCOMM[5] is connected to the same GPIO output on the host.
SWIRQ1, Software Interrupt 1 in the EIRQIE register, must be
unmasked on both devices to enable multichip mode.
DATA[31:0]
HDATA[31:0]
ADDR[3:0]
ADDR[3:0]
CS
CS
RD
RD
WR
WE
ACK
ACK
IRQ
CS
RD
WR
ACK
IRQ
DREQ
DACK
IRQ
DREQ
DREQ
FIELD
VSYNC
HSYNC
DACK
DACK
G I/O
SCOMM[5]
VCLK
1080i
VIDEO OUT
MCLK
VDATA[11:2]
32-BIT HOST CPU
ADV730xA
10-BIT SD/HD
VIDEO
DECODER
ADV202
_1_MASTER
SCOMM[5]
HDATA[31:0]
ADDR[3:0]
CS
RD
WE
ACK
IRQ
FIELD
VSYNC
HSYNC
DREQ
DACK
VCLK
MCLK
VDATA[11:2]
ADV202
_2_SLAVE
CLKIN
Y[9:0]
C[9:0]
CbCr
CbCr
YY
74.25MHz
OSC
Figure 26. Decode —Multichip Master/Slave Application
DIGITAL STILL CAMERA/CAMCORDER
Figure 27 is a typical configuration for a digital camera or camcorder.
D[9:0]
10
DATA INPUTS[9:0]
MCLK
VCLK
VFRM
VRDY
VSTRB
VDATA[11:2]
SDATA
SERIAL DATA
SCK
SERIAL CLK
SL
SERIAL EN
AD9843A
FPGA
16-BIT
HOST CPU
ADV202
DATA[15:0]
HDATA[15:0]
ADDR[3:0]
ADDR[3:0]
CS
CS
RD
RD
WE
WE
ACK
ACK
IRQ
IRQ
Figure 27. Digital Still Camera/Camcorder Application


Similar Part No. - ADV202BBCZ-150

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV202BBCZ-150 AD-ADV202BBCZ-150 Datasheet
447Kb / 40P
   JPEG2000 Video Codec
REV. D
More results

Similar Description - ADV202BBCZ-150

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV202BBCZRL-115 AD-ADV202BBCZRL-115 Datasheet
447Kb / 40P
   JPEG2000 Video Codec
REV. D
ADV202 AD-ADV202_15 Datasheet
447Kb / 40P
   JPEG2000 Video Codec
Rev. D
ADV212 AD-ADV212_15 Datasheet
478Kb / 44P
   Wavescale Video Codec
Rev. B
ADV212-HD-EB AD-ADV212-HD-EB Datasheet
478Kb / 44P
   Wavescale Video Codec
REV. B
ADV601LCJSTZ AD-ADV601LCJSTZ Datasheet
546Kb / 44P
   Ultralow Cost Video Codec
REV. 0
ADV212 AD-ADV212 Datasheet
394Kb / 44P
   JPEG 2000 Video Codec
REV. 0
ADV601LC AD-ADV601LC Datasheet
472Kb / 44P
   Ultralow Cost Video Codec
REV. 0
ADV601LC AD-ADV601LC_15 Datasheet
546Kb / 44P
   Ultralow Cost Video Codec
REV. 0
ADV601 AD-ADV601 Datasheet
606Kb / 52P
   Low Cost Multiformat Video Codec
REV. 0
ADV7202 AD-ADV7202 Datasheet
216Kb / 26P
   Simultaneous Sampling Video Rate Codec
REV. PrB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com