Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DOL-0804-G05MNI Datasheet(PDF) 2 Page - SICK AG

Part No. DOL-0804-G05MNI
Description  Plug connectors cables
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

DOL-0804-G05MNI Datasheet(HTML) 2 Page - SICK AG

  DOL-0804-G05MNI Datasheet HTML 1Page - SICK AG DOL-0804-G05MNI Datasheet HTML 2Page - SICK AG DOL-0804-G05MNI Datasheet HTML 3Page - SICK AG DOL-0804-G05MNI Datasheet HTML 4Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
DOL-0804-G05MNI
Ordering information
Type
Part no.
DOL-0804-G05MNI
6059194
Other models and accessories
www.sick.com/
Detailed technical data
Technical specifications
Accessory group
Plug connectors and cables
Accessory family
Connecting cables
Connection type head A
Female connector, M8, 4-pin, straight
Connection type head B
Flying leads
Connection type
Flying leads
Connector material
PUR
Connector color
Blue
Locking nut material
Stainless steel (V4A/1.4404)
Tightening torque
0.4 Nm
Cable
5 m, 4-wire, PVC
Jacket material
PVC
Jacket color
Gray
Cable diameter
4.8 mm
Conductor cross-section
0.25 mm²
Shielding
Unshielded
Bending radius
Flexible use > 10 x cable diameter
Stationary position > 5 x cable diameter
Reference voltage
≤ 30 V
Rated impulse voltage
0.8 kV
Current loading
4 A
Application
Hygienic and washdown zones
Note
This product is generally resistant to chemical cleaning agents (see ECOLAB). Please do not
use cleaning agents of any other Kind. 1)
Not resistant against lactic acid & hydrogen peroxide (H2O2) 2)
Authorizations
Ecolab
CSA approval
UL
1) Tested detergent: P3-topactive DES, P3-topax 19, P3-topax 56, P3-topax 66 and P3-topax 99; Insulating material group: Cat I.
2) Insulating material group: Cat I.
2
| SICK
Online data sheet | 2019-01-29 21:21:18
Subject to change without notice


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn