Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DOL-0803-G05MNI Datasheet(PDF) 3 Page - SICK AG

Part No. DOL-0803-G05MNI
Description  Plug connectors cables
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

DOL-0803-G05MNI Datasheet(HTML) 3 Page - SICK AG

  DOL-0803-G05MNI Datasheet HTML 1Page - SICK AG DOL-0803-G05MNI Datasheet HTML 2Page - SICK AG DOL-0803-G05MNI Datasheet HTML 3Page - SICK AG DOL-0803-G05MNI Datasheet HTML 4Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DOL-0803-G05MNI
UL File No.
CYJV.E335179
Enclosure rating
IP65/ IP67/ IP69K
Ambient operating temperature
Flexible use –5 °C ... +80 °C
Stationary position –30 °C ... +80 °C
Head –25 °C ... +85 °C
1) Tested detergent: P3-topactive DES, P3-topax 19, P3-topax 56, P3-topax 66 and P3-topax 99; Insulating material group: Cat I.
2) Insulating material group: Cat I.
Classifications
ECl@ss 5.0
19030312
ECl@ss 5.1.4
19030312
ECl@ss 6.0
27060304
ECl@ss 6.2
27060304
ECl@ss 7.0
27060304
ECl@ss 8.0
27060304
ECl@ss 8.1
27060304
ECl@ss 9.0
27060304
ETIM 5.0
EC000830
ETIM 6.0
EC000830
UNSPSC 16.0901
26121604
2019-01-29 21:21:18 | Online data sheet
Subject to change without notice
| SICK
3


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn