Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P20B1209S Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # P20B1209S
Description  20W DC-DC Converter P-20B-Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

P20B1209S Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  P20B1209S Datasheet HTML 1Page - List of Unclassifed Manufacturers P20B1209S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
20W DC-DC Converter P20B-Series
Specifications
Input
Voltage range
12 VDC, 9…18 VDC
24 VDC, 18…36 VDC
48 VDC, 36…72 VDC
Filter
Capacitors
Isolation:
Rated voltage
1500 VDC
Resistance
10
9
Capacitance
500 pF, typ.
Output
Voltage accuracy
± 1%, max
Voltage balance
(dual outputs)
± 1%
Ripple and noise
(at 20 MHz BW)
100 mVp-p, max
Short circuit protection
Continuous
Over load protection
130 %, typ.
Short circuit restart
Automatic
Line voltage regulation
± 0.5%, max.
Load voltage regulation
± 0.5%, max.
Temperature coefficient
± 0.02% / °C
Dimensions
Output ripple and noise reduction
Page 2 of 2
General
Efficiency
83..91 %
Switching frequency
200 kHz, typ.
Environmental
Operating temperatur
(ambient)
-40 °C to +85 °C
Case temperature
100 °C, max.
Storage temperature
-40 °C to +125 °C
Derating
None required
Humidity
Up to 90%,
non-condensing
Cooling
Free-air convection
Physical
Dimensions
50.80 x 50.80 x 10.16 mm
Weight
60 g
Case material
Nickel-coated copper metal
Life Support Policy
: HY-LINE does not authorize the use of any of its products for use in life support devices or systems
without the express written approval of an officer of the Company. Life support systems are devices which support or
sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the
labeling, can be reasonably expected to result in significant injury to the user.
Rev: 6 / 05f
Deutschland:
Schweiz:
Inselkammerstraße 10
Gründenstrasse 82
D-82008 Unterhaching
CH-8247 Flurlingen
Tel.: 089 614 503-10
Tel.: 052 647 42 00
E-Mail: power@hy-line.de
E-Mail: power@hy-line.ch
To reduce ripple and noise, it is recommended to use
1µF ceramic and a 10µF electrolytic capacitors to the
output
Scope
Load
+input +output
DC/DC -
Converter
-input
-output
+
DC Power
Source
-


Similar Part No. - P20B1209S

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
P20B12SL SHINDENGEN-P20B12SL Datasheet
1Mb / 7P
   Power MOSFETs120V, 20A, N-channel
logo
Inchange Semiconductor ...
P20B12SL ISC-P20B12SL Datasheet
352Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Shindengen Electric Mfg...
P20B12SN SHINDENGEN-P20B12SN Datasheet
790Kb / 4P
   Power MOSFET
logo
Inchange Semiconductor ...
P20B12SN ISC-P20B12SN Datasheet
352Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - P20B1209S

ManufacturerPart #DatasheetDescription
logo
HY-LINE Power Component...
P20G123R3S HY-LINE-P20G123R3S Datasheet
813Kb / 4P
   20W DC-DC Converter P20G-Series
Rev: 12.11 f
P20Z12S33 HY-LINE-P20Z12S33 Datasheet
175Kb / 2P
   20W DC-DC Converter P20Z-Series
Rev: 5 / 2005 f
P20D123R3S HY-LINE-P20D123R3S Datasheet
334Kb / 3P
   20W DC-DC Converter P20D-Series
Rev: 03/10 f
P20A12S1P5 HY-LINE-P20A12S1P5 Datasheet
193Kb / 2P
   20W DC-DC Converter P20A-Series
Rev: 3 / 06 f
P20H243R3S HY-LINE-P20H243R3S Datasheet
1Mb / 8P
   20W DC-DC Converter P20H-Series
Rev: 12.14 f
P20Y24S33W HY-LINE-P20Y24S33W Datasheet
175Kb / 2P
   20W DC-DC Converter P20Y-Series
Rev: 5 / 2005 f
logo
List of Unclassifed Man...
WDD2-03S1 ETC-WDD2-03S1 Datasheet
153Kb / 3P
   DC-DC CONVERTER 15 ~ 20W
logo
Murata Manufacturing Co...
WPN20R12S05C MURATA-WPN20R12S05C Datasheet
221Kb / 4P
   20W Regulated DC/DC Converter
logo
MORNSUN Science& Techno...
LHE20-20A12 MORNSUN-LHE20-20A12 Datasheet
1Mb / 6P
   20W, AC-DC converter
LD20-26B03 MORNSUN-LD20-26B03 Datasheet
1Mb / 6P
   20W, AC/DC converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com