Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICSSSTUF32864AYHLF-T Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICSSSTUF32864AYHLF-T
Description  25-Bit Configurable Registered Buffer for DDR2
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICSSSTUF32864AYHLF-T Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICSSSTUF32864AYHLF-T Datasheet HTML 3Page - Integrated Circuit Systems ICSSSTUF32864AYHLF-T Datasheet HTML 4Page - Integrated Circuit Systems ICSSSTUF32864AYHLF-T Datasheet HTML 5Page - Integrated Circuit Systems ICSSSTUF32864AYHLF-T Datasheet HTML 6Page - Integrated Circuit Systems ICSSSTUF32864AYHLF-T Datasheet HTML 7Page - Integrated Circuit Systems ICSSSTUF32864AYHLF-T Datasheet HTML 8Page - Integrated Circuit Systems ICSSSTUF32864AYHLF-T Datasheet HTML 9Page - Integrated Circuit Systems ICSSSTUF32864AYHLF-T Datasheet HTML 10Page - Integrated Circuit Systems ICSSSTUF32864AYHLF-T Datasheet HTML 11Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
ICSSSTUF32864A
0987B—09/28/04
Ordering Information
ICSSSTUF32864AyHLF-T
- e - TYP
b
REF
b
REF
Alpha Designations
for Vertical Grid
(Letters I, O, Q & S
not used)
Alpha Designations
for Vertical Grid
(Letters I, O, Q & S
not used)
Numeric Designations
for Horizontal Grid
Numeric Designations
for Horizontal Grid
h
TYP
h
TYP
c
REF
c
REF
A
B
C
D
TOP VIEW
A1
3 2 1
4
Seating
Plane
Seating
Plane
C
T
0.12 C
d TYP
E
D
D1
D1
D1
D1
D1
- e -
- e -
- e -
E1
TYP
TYP
D
E
T
e
HORIZ
VERT
TOTAL
d
h
b
c
Min/Max
Min/Max
Min/Max
16.00 Bsc
5.50 Bsc
1.30/1.50
0.80 Bsc
6
19
114
0.40/0.50
0.31/0.41
0.80
0.75
13.50 Bsc
5.50 Bsc
1.30/1.50
0.80 Bsc
6
16
96
0.40/0.50
0.25/0.41
0.75
0.75
7.00 Bsc
4.50 Bsc
0.86/1.00
0.65 Bsc
6
10
60
0.35/0.45
0.15/0.21
0.575
0.625
MO-205
10-0055C
* Source Ref.: JEDEC Publication 95,
ALL DIMENSIONS IN MILLIMETERS
REF. DIMENSIONS
----- BALL GRID -----
Max.
Note: Ball grid total indicates maximum ball count for package. Lesser quantity may be used.
Example:
Designation for tape and reel packaging
Lead Free (Optional)
Package Type
H = BGA
Revision Designator (will not correlate with datasheet revision)
Device Type
Prefix
ICS = Standard Device
ICS XXXX y H LF- T


Similar Part No. - ICSSSTUF32864AYHLF-T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICSSSTU32864 ICST-ICSSSTU32864 Datasheet
110Kb / 11P
   25-Bit Configurable Registered Buffer
logo
Integrated Device Techn...
ICSSSTUA32864B IDT-ICSSSTUA32864B Datasheet
437Kb / 11P
   25-Bit Configurable Registered Buffer for DDR2
logo
Renesas Technology Corp
ICSSSTUA32864B RENESAS-ICSSSTUA32864B Datasheet
677Kb / 12P
   25-Bit Configurable Registered Buffer for DDR2
2019
ICSSSTUA32864BH RENESAS-ICSSSTUA32864BH Datasheet
677Kb / 12P
   25-Bit Configurable Registered Buffer for DDR2
2019
ICSSSTUA32864BHM RENESAS-ICSSSTUA32864BHM Datasheet
677Kb / 12P
   25-Bit Configurable Registered Buffer for DDR2
2019
More results

Similar Description - ICSSSTUF32864AYHLF-T

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICSSSTUAF32865A IDT-ICSSSTUAF32865A Datasheet
422Kb / 17P
   25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
ICSSSTUAF32866B IDT-ICSSSTUAF32866B Datasheet
640Kb / 31P
   25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
logo
Integrated Circuit Syst...
ICSSSTUB32866B ICST-ICSSSTUB32866B Datasheet
540Kb / 28P
   25-Bit Configurable Registered Buffer for DDR2
ICSSSTUBF32866A ICST-ICSSSTUBF32866A Datasheet
292Kb / 28P
   25-Bit Configurable Registered Buffer for DDR2
logo
Integrated Device Techn...
ICSSSTUB32864A IDT-ICSSSTUB32864A Datasheet
141Kb / 12P
   25-Bit Configurable Registered Buffer for DDR2
ICSSSTUA32864B IDT-ICSSSTUA32864B Datasheet
437Kb / 11P
   25-Bit Configurable Registered Buffer for DDR2
logo
Renesas Technology Corp
IDT74SSTUAE32866A RENESAS-IDT74SSTUAE32866A Datasheet
837Kb / 31P
   25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
2019
ICSSSTUAF32866C RENESAS-ICSSSTUAF32866C Datasheet
771Kb / 31P
   25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
2019
ICSSSTUA32864B RENESAS-ICSSSTUA32864B Datasheet
677Kb / 12P
   25-Bit Configurable Registered Buffer for DDR2
2019
logo
Integrated Device Techn...
IDT74SSTUBF32866B IDT-IDT74SSTUBF32866B Datasheet
640Kb / 31P
   25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
logo
Renesas Technology Corp
ICSSSTUB32864A RENESAS-ICSSSTUB32864A Datasheet
350Kb / 13P
   25-Bit Configurable Registered Buffer for DDR2
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com