Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BYT115 Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. BYT115
Description  Ultra Fast Recovery Silicon Power Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYT115 Datasheet(HTML) 1 Page - Vishay Siliconix

  BYT115 Datasheet HTML 1Page - Vishay Siliconix BYT115 Datasheet HTML 2Page - Vishay Siliconix BYT115 Datasheet HTML 3Page - Vishay Siliconix BYT115 Datasheet HTML 4Page - Vishay Siliconix BYT115 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BYT115/200/400
Vishay Telefunken
Rev. A2, 24-Jun-98
1 (5)
Ultra Fast Recovery Silicon Power Rectifier
Features
D Multiple diffusion
D Epitaxial – planar
D Ultra fast forward recovery time
D Ultra fast reverse recovery time
D Low reverse current
D Very good reverse current stability at high tem-
perature
D Low thermal resistance
Applications
Fast rectifiers in S.M.P.S
Freewheeling diodes and snubber diodes in motor
control circuits
14282
Absolute Maximum Ratings
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Value
Unit
Reverse voltage
BYT115/200
VR=VRRM
200
V
g
=Repetitive peak reverse voltage
BYT115/400
VR=VRRM
400
V
Peak forward surge current
tp=10ms
IFSM
100
A
Repetitive peak forward current
IFRM
30
A
Average forward current
IFAV
15
A
Junction and storage
temperature range
Tj=Tstg
–55...+150
°C
Maximum Thermal Resistance
Tj = 25_C
Parameter
Test Conditions
Symbol
Value
Unit
Junction case
RthJC
1.75
K/W
Junction ambient
RthJA
85
K/W


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn