Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM4391D Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # RM4391D
Description  Inverting and Step-Down Switching Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RM4391D Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button RM4391D Datasheet HTML 3Page - Fairchild Semiconductor RM4391D Datasheet HTML 4Page - Fairchild Semiconductor RM4391D Datasheet HTML 5Page - Fairchild Semiconductor RM4391D Datasheet HTML 6Page - Fairchild Semiconductor RM4391D Datasheet HTML 7Page - Fairchild Semiconductor RM4391D Datasheet HTML 8Page - Fairchild Semiconductor RM4391D Datasheet HTML 9Page - Fairchild Semiconductor RM4391D Datasheet HTML 10Page - Fairchild Semiconductor RM4391D Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
RC4391
PRODUCT SPECIFICATION
7
Figure 9. Inverting Regulator Waveforms
B
A
C
D
E
F
G
1.78V
0.62V
(Internal)
I
0 mA
+V
(Internal)
+V - 0.7V
Max
0 mA
I
0 mA
+V - V
-V
- V
Ground
C
O
I
V
I
I
V
X
SC
LOAD
BEQ1
LX
D
LX
L
S
S
S
MAX
SW
OUT
D
65-2472
BAT
OUT
X
X
V
L
V
L
This feedback system will vary the duration of the on time in
response to changes in load current or battery voltage (see
Figure 9). If the load current increases (waveform C), then
the transistor will remain on (waveform D) for a longer por-
tion of the oscillator cycle, (waveform B) to build up to a
higher peak value. The duty cycle of the switch transistor
varies in response to changes in load and line.
Step-Down Regulator
The step-down circuit function is similar to inversion; it uses
the same components (switch, inductor, diode, filter capaci-
tor), and charges and discharges the inductor by closing and
opening the switch. The great difference is that the inductor
is in series with the load; therefore, both the charging current
and the discharge current flow into the load. In the inverting
circuit only the discharge current flows into the load. Refer
to Figure 10.
When the switch S is closed, current flows from the battery,
through the inductor, and through the load resistor to ground.
After the switch is opened, stored energy in the inductor
causes current to keep flowing through the load, the circuit
being completed by the catch diode D. Since current flows to
the load during charge and discharge, the average load cur-
rent will be greater than in an inverting circuit. The signifi-
cance of that is that for equal load currents the step-down
circuit will require less peak inductor current than an invert-
ing circuit. Therefore, the inductor will not require as large
of a core, and the switch transistor will not be stressed as
heavily for equal load currents.
Figure 11 depicts a complete schematic for a step-down cir-
cuit using the RC4391. Observe that the ground lead of the
4391 is not connected to circuit ground; instead, it is tied to
the output voltage. It is by this rearrangement that the feed-
back system, which senses voltages more negative than the
ground lead, can be used to regulate a non-negative output
voltage.
Figure 10. Simple Step-Down Regulator
D
(+)
(-)
VOUT
S
C
S
L
+V
65-2473
RL


Similar Part No. - RM4391D

ManufacturerPart #DatasheetDescription
logo
Sames
RM4301ASEA SAMES-RM4301ASEA Datasheet
461Kb / 19P
   Low-Cost Three-Phase Watt-Hour Energy Meter
More results

Similar Description - RM4391D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL497A TI-TL497A_15 Datasheet
830Kb / 20P
[Old version datasheet]   500-mA PEAK STEP-UP STEP-DOWN,INVERTING SWITCHING VOLTAGE REGULATOR
TL497A TI-TL497A_06 Datasheet
446Kb / 16P
[Old version datasheet]   500-mA PEAK STEP-UP, STEP-DOWN, INVERTING SWITCHING VOLTAGE REGULATOR
logo
Linear Technology
LT1176 LINER-LT1176 Datasheet
178Kb / 4P
   Step-Down Switching Regulator
logo
Sanyo Semicon Device
LV58761MX SANYO-LV58761MX Datasheet
641Kb / 7P
   Step-down Switching Regulator
LV5807MX SANYO-LV5807MX Datasheet
206Kb / 5P
   Step-down Switching Regulator
logo
Linear Technology
LT1074 LINER-LT1074_15 Datasheet
190Kb / 16P
   Step-Down Switching Regulator
logo
ON Semiconductor
LV5980MD ONSEMI-LV5980MD Datasheet
718Kb / 20P
   Step-down Switching Regulator
October, 2013
LV5762QA ONSEMI-LV5762QA Datasheet
290Kb / 6P
   Step-down Switching Regulator
May, 2014
NCV8925 ONSEMI-NCV8925 Datasheet
172Kb / 14P
   Step-down Switching Regulator
April, 2008 - Rev. 0
logo
Sanyo Semicon Device
LV5809MX SANYO-LV5809MX Datasheet
120Kb / 5P
   Step-down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com