Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTV8141STA-V Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # LTV8141STA-V
Description  High Transfer Efficiency AC Input Type Photocoupler
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTV8141STA-V Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  LTV8141STA-V Datasheet HTML 1Page - Lite-On Technology Corporation LTV8141STA-V Datasheet HTML 2Page - Lite-On Technology Corporation LTV8141STA-V Datasheet HTML 3Page - Lite-On Technology Corporation LTV8141STA-V Datasheet HTML 4Page - Lite-On Technology Corporation LTV8141STA-V Datasheet HTML 5Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
12-97
Electrical/Optical Characteristics
(Ta=25
)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Forward Voltage
Terminal Capacitance
Collector Dark Current
Collector-Emitter
Breakdown Voltage
Emitter-Collector
Breakdown Voltage
Collector Current
*Current Transfer Ratio
Collector-emitter
Saturation Voltage
Isolation Resistance
Floating Capacitance
Cut-off Frequency
Response Time (Rise)
Response Time (Fall)
VF
Ct
ICEO
BVCEO
BVECO
IC
CTR
VCE(sat)
RISO
Cf
fc
tr
tf
35
6
6
600
50
1
1.2
50
0.8
100
0.6
6
60
53
1.4
250
1
75
7,500
1.0
1.0
300
250
V
pF
A
V
V
mA
%
V
G
pF
KHz
s
s
Absolute Maximum Ratings
(Ta=25
)
Parameter
Symbol
Rating
Unit
Input
Output
Total Power Dissipation
Operating Temperature
Storage Temperature
*1.Isolation Voltage
*2.Soldering Temperature
Forward Current
Power Dissipation
Collector-Emitter Voltage
Emitter-Collector Voltage
Collector Current
Collector Power Dissipation
IF
P
VCEO
VECO
IC
PC
Ptot
Topr
Tstg
Viso
Tsol
50
70
35
6
80
150
200
-30~+100
-55~+125
5
260
mA
mW
V
V
mA
mW
mW
KVrms
*1. AC for 1 minute, R.H. = 40 ~ 60%
Isolation voltage shall be measured using the following method.
(1)Short between anode and cathode on the primary side and between collector, emitter and base on the secondary side.
(2)The isolation voltage tester with zero-cross circuit shall be used.
(3)The waveform of applied volttage shall be a sine wave.
*2. For 10 seconds.
IF=
20mA
V=0, f=1KHz
VCE=10V
IC=0.1mA
IE=10
A
IF=
1mA VCE=2V
IF=
20mA, IC=5mA
DC500V, 40~60% R.H.
V=0, f=1MHz
VCE=5V, IC=2mA
RL=100
, -3dB
VCE=2V, IC=10mA
RL=100
*CTR=
100%
IC
IF


Similar Part No. - LTV8141STA-V

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV8141STA-V TENAND-LTV8141STA-V Datasheet
708Kb / 6P
   High Transfer Efficiency AC Iuput Type Photocoupler
More results

Similar Description - LTV8141STA-V

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-8141 TENAND-LTV-8141 Datasheet
708Kb / 6P
   High Transfer Efficiency AC Iuput Type Photocoupler
logo
Sharp Corporation
PC4N29V SHARP-PC4N29V Datasheet
167Kb / 4P
   HIGH TRANSFER EFFICIENCY GENERAL PURPOSE TYPE PHOTOCOUPLER
PC733H SHARP-PC733H Datasheet
66Kb / 4P
   High Input Current, AC Input Type Photocoupler
PC733 SHARP-PC733 Datasheet
66Kb / 4P
   AC Input Type Photocoupler
PC813 SHARP-PC813 Datasheet
91Kb / 5P
   AC Input Type & High Noise Reduction Type Photocoupler
PC902 SHARP-PC902 Datasheet
91Kb / 6P
   AC Input Type OPIC Photocoupler
PC3H410NIP SHARP-PC3H410NIP Datasheet
74Kb / 5P
   AC Input, Low Input Current Type Photocoupler
PC81410NSZ SHARP-PC81410NSZ Datasheet
62Kb / 5P
   AC Input, Low Input Current Type Photocoupler
PC364N SHARP-PC364N Datasheet
63Kb / 5P
   AC Input, Low Input Current Type Photocoupler
PC814 SHARP-PC814 Datasheet
74Kb / 5P
   AC Input Photocoupler
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com