Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCB0603R Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # NCB0603R
Description  Ferrite Chip Beads
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NCB0603R Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  NCB0603R Datasheet HTML 1Page - List of Unclassifed Manufacturers NCB0603R Datasheet HTML 2Page - List of Unclassifed Manufacturers NCB0603R Datasheet HTML 3Page - List of Unclassifed Manufacturers NCB0603R Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NIC COMPONENTS
www.niccomp.com
www.lowESR.com
www.RFpassives.com
250
®
NIC COMPONENTS
www.niccomp.com
www.lowESR.com
www.RFpassives.com 251
®
FEATURES
• STANDARD EIA 0603 ~ 1812 CASE SIZES
• EFFECTIVE EM/RFI SUPPRESSION UP TO 1 Ghz
• CURRENT RATINGS UP TO 6 AMPS
• HIGH IMPEDANCE OVER A WIDE FREQUENCY RANGE
• COMPATIBLE WITH AUTOMATIC PICK AND PLACE EQUIPMENT
• BOTH FLOW AND REFLOW SOLDERING APPLICABLE
High Current Ferrite Chip Beads
NCB-H Series
OPERATING TEMPERATURE RANGE: -40OC TO +125OC*
Note: Other values and case sizes available.
*STYLE 2 TYPES, TEMPERATURE RANGE -25°C ~ +85°C
For Impedance (
Z) over Frequency curves
see
www.RFpassives.com
EIA
Size
NIC
P/N
Impedance
at 100MHz
Ω (±25% Tol.)
DC
Resistance
Max. (
Ω)
DC
Current
Max. (mA)
Style
Code
A
(mm)
B
(mm)
C
(mm)
D
(mm)
0603
NCB-H0603R100TR
10
0.020
4000
1
1.6 ±0.2
0.8 ±0.15
0.8 ±0.15
0.4 ± 0.2
NCB-H0603R270TR
27
0.030
4000
NCB-H0603R300TR
30
0.035
3000
NCB-H0603R500TR
50
0.040
2500
NCB-H0603R680TR
68
0.100
1000
NCB-H0603R101TR
100
0.100
2000
NCB-H0603R121TR
120
0.100
2000
NCB-H0603R151TR
150
0.100
2000
NCB-H0603R221TR
220
0.100
2000
NCB-H0603R301TR
300
0.200
1000
NCB-H0603R471TR
470
0.200
1000
NCB-H0603R601TR
600
0.200
1000
0805
NCB-H0805A300TR
30
0.020
4000
1
2.0 ±0.2
1/25 ±0.2
0.9 ±0.2
0.5 ±0.3
NCB-H0805A600TR
60
0.025
3000
NCB-H0805A800TR
80
0.040
3000
NCB-H0805A121TR
120
0.100
2000
NCB-H0805A151TR
150
0.100
2000
NCB-H0805A221TR
220
0.100
2000
NCB-H0805A301TR
300
0.200
1000
NCB-H0805A471TR
470
0.200
1000
NCB-H0805A601TR
600
0.200
1000
1206
NCB-H1206B320TR
32
0.020
5000
1
3.2 ±0.2
1.6 ±0.2
1.1 ±0.2
0.5 ±0.3
NCB-H1206B500TR
50
0.020
4000
NCB-H1206B680TR
68
0.012
3000
NCB-H1206B800TR
80
0.040
3000
NCB-H1206B121TR
120
0.100
2000
NCB-H1206B151TR
150
0.100
2000
NCB-H1206B301TR
300
0.200
1000
NCB-H1206B471TR
470
0.200
1000
NCB-H1206B501TR
500
0.040
3000
NCB-H1206B601TR
600
0.100
2000
1806
NCB-H1805E600TR
60
0.010
6000
1
4.5 ±0.25
1.6 ±0.2
1.6 ±0.2
0.5 ±0.3
NCB-H1805E800TR
80
0.040
3000
1812
NCB-H1812D800TR
80
0.010
6000
1
4.5 ±0.25
3.2 ±0.2
1.5 ±0.2
0.5 ±0.3
NCB-H1812D125TR
125
0.050
1500
NCB-H1812D151TR
150
0.020
5000
NCB-H1812D681TR
680
0.030
4000
NCB-H1812D132TR
1300
0.060
3000
1612
NCB1612K480TR
48
0.001
5000
2*
4.2 ±0.4
3.1 ±0.2
2.6 ±0.2
1.3 ±0.3
3312
NCB3312K900TR
90
0.001
5000
8.6 ±0.4
3.2 ±0.3
2.6 ±0.2
1.3 ±0.3
3119
NCB3119L950TR
95
0.001
5000
7.8 ±0.4
4.7 ±0.3
2.9 ±0.2
1.3 ±0.3
RoHS
Compliant
*See Part Number System for Details


Similar Part No. - NCB0603R

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NCB0603R100TR070F NIC-NCB0603R100TR070F Datasheet
247Kb / 4P
   RUGGED CONSTRUCTION IN STANDARD EIA SIZES
NCB0603R100TR070F NIC-NCB0603R100TR070F Datasheet
247Kb / 4P
   RUGGED CONSTRUCTION IN STANDARD EIA SIZES
NCB0603R100TR070F NIC-NCB0603R100TR070F Datasheet
247Kb / 4P
   Ferrite Chip Beads
NCB0603R102TR020F NIC-NCB0603R102TR020F Datasheet
247Kb / 4P
   RUGGED CONSTRUCTION IN STANDARD EIA SIZES
NCB0603R102TR020F NIC-NCB0603R102TR020F Datasheet
247Kb / 4P
   RUGGED CONSTRUCTION IN STANDARD EIA SIZES
More results

Similar Description - NCB0603R

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
Z7K800-RT-10 SUPERWORLD-Z7K800-RT-10 Datasheet
361Kb / 9P
   FERRITE CHIP BEADS
Z2C100-RG-10 SUPERWORLD-Z2C100-RG-10 Datasheet
329Kb / 8P
   FERRITE CHIP BEADS
Z4K121-RI-10 SUPERWORLD-Z4K121-RI-10 Datasheet
373Kb / 9P
   FERRITE CHIP BEADS
Z4C121-RG-10 SUPERWORLD-Z4C121-RG-10 Datasheet
363Kb / 9P
   FERRITE CHIP BEADS
logo
Bourns Electronic Solut...
MG1608_MDS BOURNS-MG1608_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
MG2029_MDS BOURNS-MG2029_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
logo
Superworld Electronics
ZA_SERIES SUPERWORLD-ZA_SERIES Datasheet
179Kb / 7P
   FERRITE CHIP BEADS
Z6K101-RE-10 SUPERWORLD-Z6K101-RE-10 Datasheet
331Kb / 8P
   FERRITE CHIP BEADS
Z4K300-RN-10 SUPERWORLD-Z4K300-RN-10 Datasheet
372Kb / 9P
   FERRITE CHIP BEADS
logo
Murata Manufacturing Co...
BLM15AG121SN1D MURATA-BLM15AG121SN1D Datasheet
47Kb / 2P
   Chip Ferrite Beads
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com