Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NDF9015 Datasheet(PDF) 2 Page - REYCONNS CHINA LIMITED

Part No. NDF9015
Description  SAW Filter
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  REYCONNS [REYCONNS CHINA LIMITED]
Homepage  http://www.reyconns.com/en/
Logo REYCONNS - REYCONNS CHINA LIMITED

NDF9015 Datasheet(HTML) 2 Page - REYCONNS CHINA LIMITED

  NDF9015 Datasheet HTML 1Page - REYCONNS CHINA LIMITED NDF9015 Datasheet HTML 2Page - REYCONNS CHINA LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
REYCONNS
SAW Filter
NDF9015
REYCONNS CHINA LIMITED
www.reyconns.com
5. Performance
5-1. Maximum Ratings
Rating
Value
Unit
Input Power Level
P
10
dBm
DC Voltage
VDC
0
V
Operable Temperature Range
TA
-10 to +65
Storage Temperature Range
Tstg
-40 to +85
5-2. Electronic Characteristics
Characteristic
Min.
Typ.
Max.
Unit
Center Frequency
fC
1575.420
MHz
Insertion Loss
IL
1574.220 …. 1576.620 MHz
--
1.6
3.5
dB
Amplitude Ripple (p-p)
1574.220 …. 1576.620 MHz
--
0.3
1.5
dB
Absolute Attenuation
α
1475.42 MHz
1535.42 MHz
1615.42 MHz
1675.42 MHz
38
30
50
45
45
38
66
54
--
--
--
--
dB
Group Delay
1574.220 …. 1576.620 MHz
25
30
ns
Group Delay Ripple (p-p)
1574.220 …. 1576.620 MHz
2.0
5.0
ns
VSWR
1574.220 …. 1576.620 MHz
2.0
dB
Input / Output Impedance
50
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling!
C All Rights Reserved.
1.
The frequency fC is defined as the midpoint between the 3dB frequencies.
2.
Unless noted otherwise, all measurements are made with the filter installed in the specified test fixture that is
connected to a 50Ω test system with VSWR≤1.2:1. The test fixture L and C are adjusted for minimum insertion
loss at the filter center frequency, fC. Note that insertion loss, bandwidth, and passband shape are dependent on
the impedance matching component values and quality.
3.
Unless noted otherwise, specifications apply over the entire specified operating temperature range.
4.
The specifications of this device are based on the test circuit shown above and subject to change or
obsolescence without notice.
5.
All equipment designs utilizing this product must be approved by the appropriate government agency prior to
manufacture or sale.
6.
Our liability is only assumed for the Surface Acoustic Wave (SAW) component(s) per se, not for applications,
processes and circuits implemented within components or assemblies.
7.
For questions on technology, prices and delivery, please contact our sales offices or e-mail
sales@reyconns.com.


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn