Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY5DU12822B Datasheet(PDF) 23 Page - Hynix Semiconductor

Part # HY5DU12822B
Description  512Mb DDR SDRAM
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5DU12822B Datasheet(HTML) 23 Page - Hynix Semiconductor

Back Button HY5DU12822B Datasheet HTML 19Page - Hynix Semiconductor HY5DU12822B Datasheet HTML 20Page - Hynix Semiconductor HY5DU12822B Datasheet HTML 21Page - Hynix Semiconductor HY5DU12822B Datasheet HTML 22Page - Hynix Semiconductor HY5DU12822B Datasheet HTML 23Page - Hynix Semiconductor HY5DU12822B Datasheet HTML 24Page - Hynix Semiconductor HY5DU12822B Datasheet HTML 25Page - Hynix Semiconductor HY5DU12822B Datasheet HTML 26Page - Hynix Semiconductor HY5DU12822B Datasheet HTML 27Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
Rev. 0.1 / May 2004
23
HY5DU12422B(L)TP
HY5DU12822B(L)TP
HY5DU121622B(L)TP
ABSOLUTE MAXIMUM RATINGS
Note : Operation at above absolute maximum rating can adversely affect device reliability
DC OPERATING CONDITIONS (TA=0 to 70 oC, Voltage referenced to VSS = 0V)
Note :
1. VDDQ must not exceed the level of VDD.
2. VIL (min) is acceptable -1.5V AC pulse width with < 5ns of duration.
3. VREF is expected to be equal to 0.5*VDDQ of the transmitting device, and to track variations in the dc level of the same.
Peak to peak noise on VREF may not exceed +/- 2% of the DC value.
4. VID is the magnitude of the difference between the input level on CK and the input level on /CK.
5. The ratio of the pullup current to the pulldown current is specified for the same temperature and voltage, over the
entire temper ature and voltage range, for device drain to source voltages from 0.25V to 1.0V. For a given output, it
represents the maximum difference between pullup and pulldown drivers due to process variation. The full variation
in the ratio of the maximum to minimum pullup and pulldown current will not exceed 1/7 for device drain to source
voltages from 0.1 to 1.0.
6. VIN=0 to VDD, All other pins are not tested under VIN =0V. 2. DOUT is disabled, VOUT=0 to VDD
Parameter
Symbol
Rating
Unit
Ambient Temperature
TA
0 ~ 70
oC
Storage Temperature
TSTG
-55 ~ 125
oC
Voltage on Any Pin relative to VSS
VIN, VOUT
-0.5 ~ 3.6
V
Voltage on VDD relative to VSS
VDD
-0.5 ~ 3.6
V
Voltage on VDDQ relative to VSS
VDDQ
-0.5 ~ 3.6
V
Output Short Circuit Current
IOS
50
mA
Power Dissipation
PD
1W
Soldering Temperature Þ Time
TSOLDER
260 Þ 10
oC Þ sec
Parameter
Symbol
Min
Typ.
Max
Unit
Note
Power Supply Voltage
VDD
2.3
2.5
2.7
V
Power Supply Voltage
VDDQ
2.3
2.5
2.7
V
1
Input High Voltage
VIH
VREF + 0.15
-
VDDQ + 0.3
V
Input Low Voltage
VIL
-0.3
-
VREF - 0.15
V
2
Termination Voltage
VTT
VREF - 0.04
VREF
VREF + 0.04
V
Reference Voltage
VREF
0.49*VDDQ
0.5*VDDQ
0.51*VDDQ
V
3
Input Voltage Level, CK and CK
inputs
VIN(DC)
-0.3
VDDQ+0.3
V
Input Differential Voltage, CK and CK
inputs
VID(DC)
0.36
VDDQ+0.6
V
4
V-I Matching: Pullup to Pulldown
Current Ratio
VI(RATIO)
0.71
1.4
-
5
Input Leakage Current
ILI
-2
2
uA
6
Output Leakage Current
ILO
-5
5
uA
Output High Voltage
VOH
VTT + 0.76
-
V
IOL = -15.2mA
Output Low Voltage
VOL
-VTT - 0.76
V
IOL = +15.2mA


Similar Part No. - HY5DU12822B

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU12822BLT HYNIX-HY5DU12822BLT Datasheet
692Kb / 31P
   512Mb DDR SDRAM
HY5DU12822BT HYNIX-HY5DU12822BT Datasheet
692Kb / 31P
   512Mb DDR SDRAM
More results

Similar Description - HY5DU12822B

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5DU5182EFR-FAC HYNIX-H5DU5182EFR-FAC Datasheet
523Kb / 30P
   512Mb DDR SDRAM
HY5DU12822DT-D43 HYNIX-HY5DU12822DT-D43 Datasheet
1Mb / 29P
   512Mb DDR SDRAM
HY5DU12422BT HYNIX-HY5DU12422BT_06 Datasheet
692Kb / 31P
   512Mb DDR SDRAM
H5DU5182ETR-FAC HYNIX-H5DU5182ETR-FAC Datasheet
352Kb / 29P
   512Mb DDR SDRAM
HY5DU12422AT HYNIX-HY5DU12422AT Datasheet
381Kb / 33P
   512Mb DDR SDRAM
H5DU5182ETR-FAI HYNIX-H5DU5182ETR-FAI Datasheet
353Kb / 29P
   512Mb DDR SDRAM
HY5DU12822DFP-D43I HYNIX-HY5DU12822DFP-D43I Datasheet
466Kb / 29P
   512Mb DDR SDRAM
HY5DU12822DFP-D43 HYNIX-HY5DU12822DFP-D43 Datasheet
468Kb / 29P
   512Mb DDR SDRAM
HY5DU12422C HYNIX-HY5DU12422C_06 Datasheet
2Mb / 31P
   512Mb DDR SDRAM
H5DU5182EFR-FAJ HYNIX-H5DU5182EFR-FAJ Datasheet
511Kb / 30P
   512Mb DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com