Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1774 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2SA1774
Description  PNP GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SA1774 Datasheet(HTML) 1 Page - ON Semiconductor

  2SA1774 Datasheet HTML 1Page - ON Semiconductor 2SA1774 Datasheet HTML 2Page - ON Semiconductor 2SA1774 Datasheet HTML 3Page - ON Semiconductor 2SA1774 Datasheet HTML 4Page - ON Semiconductor 2SA1774 Datasheet HTML 5Page - ON Semiconductor 2SA1774 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
PNP Silicon General Purpose
Amplifier Transistor
This PNP transistor is designed for general purpose amplifier applications. This
device is housed in the SOT–416/SC–90 package which is designed for low power
surface mount applications, where board space is at a premium.
• Reduces Board Space
• High hFE, 210–460 (typical)
• Low VCE(sat), < 0.5 V
• Available in 8 mm, 7–inch/3000 Unit Tape and Reel
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol
Value
Unit
Collector–Base Voltage
V(BR)CBO
–60
Vdc
Collector–Emitter Voltage
V(BR)CEO
–50
Vdc
Emitter–Base Voltage
V(BR)EBO
–6.0
Vdc
Collector Current — Continuous
IC
–100
mAdc
DEVICE MARKING
2SA1774 = F9
THERMAL CHARACTERISTICS
Rating
Symbol
Max
Unit
Power Dissipation(1)
PD
150
mW
Junction Temperature
TJ
150
°C
Storage Temperature Range
Tstg
– 55 ~ + 150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Characteristic
Symbol
Min
Typ
Max
Unit
Collector–Base Breakdown Voltage (IC = –50 µAdc, IE = 0)
V(BR)CBO
–60
Vdc
Collector–Emitter Breakdown Voltage (IC = –1.0 mAdc, IB = 0)
V(BR)CEO
–50
Vdc
Emitter–Base Breakdown Voltage (IE = –50 µAdc, IE = 0)
V(BR)EBO
–6.0
Vdc
Collector–Base Cutoff Current (VCB = –30 Vdc, IE = 0)
ICBO
–0.5
nA
Emitter–Base Cutoff Current (VEB = –5.0 Vdc, IB = 0)
IEBO
–0.5
µA
Collector–Emitter Saturation Voltage(2)
(IC = –50 mAdc, IB = –5.0 mAdc)
VCE(sat)
–0.5
Vdc
DC Current Gain(2)
(VCE = –6.0 Vdc, IC = –1.0 mAdc)
hFE
120
560
Transition Frequency
(VCE = –12 Vdc, IC = –2.0 mAdc, f = 30 MHz)
fT
140
MHz
Output Capacitance (VCB = –12 Vdc, IE = 0 Adc, f = 1 MHz)
COB
3.5
pF
1. Device mounted on a FR–4 glass epoxy printed circuit board using the minimum recommended footprint.
2. Pulse Test: Pulse Width
≤ 300 µs, D.C. ≤ 2%.
Thermal Clad is a trademark of the Bergquist Company
Order this document
by 2SA1774/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
2SA1774
PNP GENERAL
PURPOSE AMPLIFIER
TRANSISTORS
SURFACE MOUNT
CASE 463–01, STYLE 1
SOT–416/SC–90
1
2
3
COLLECTOR
3
1
BASE
2
EMITTER
© Motorola, Inc. 1996
REV 1


Similar Part No. - 2SA1774

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA1774 ROHM-2SA1774 Datasheet
76Kb / 3P
   General Purpose Transistor
logo
Unisonic Technologies
2SA1774 UTC-2SA1774 Datasheet
204Kb / 3P
   GENERAL PURPOSE TRANSISTOR
logo
Guangdong Kexin Industr...
2SA1774 KEXIN-2SA1774 Datasheet
1Mb / 2P
   PNP Transistors
logo
Weitron Technology
2SA1774 WEITRON-2SA1774 Datasheet
330Kb / 5P
   PNP General Purpose Transistors
logo
Rohm
2SA1774 ROHM-2SA1774 Datasheet
83Kb / 4P
   General Purpose Transistor (??0V, ??.15A)
More results

Similar Description - 2SA1774

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MSB710QT1 MOTOROLA-MSB710QT1 Datasheet
125Kb / 6P
   PNP General Purpose Amplifier Transistors Surface Mount
logo
ON Semiconductor
MSB1218A-RT1 ONSEMI-MSB1218A-RT1 Datasheet
106Kb / 6P
   PNP GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
REV 2
logo
Motorola, Inc
MSB1218ART1 MOTOROLA-MSB1218ART1 Datasheet
156Kb / 6P
   PNP GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
logo
ON Semiconductor
MMBT3904WT1 ONSEMI-MMBT3904WT1 Datasheet
296Kb / 12P
   GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
MMBT1010LT1 ONSEMI-MMBT1010LT1 Datasheet
84Kb / 4P
   PNP GENERAL PURPOSE DRIVER TRANSISTORS SURFACE MOUNT
REV 2
logo
Motorola, Inc
MMBT1010LT1 MOTOROLA-MMBT1010LT1 Datasheet
112Kb / 4P
   PNP GENERAL PURPOSE DRIVER TRANSISTORS SURFACE MOUNT
logo
ON Semiconductor
MSB709-RT1 ONSEMI-MSB709-RT1 Datasheet
111Kb / 4P
   PNP General Purpose Amplifier Transistor Surface Mount
REV 3
logo
E-Tech Electronics LTD
MSB709 ETL-MSB709 Datasheet
78Kb / 1P
   PNP General Purpose Amplifier Transistor Surface Mount
logo
ON Semiconductor
MSB710-RT1G ONSEMI-MSB710-RT1G Datasheet
38Kb / 2P
   PNP General Purpose Amplifier Transistor Surface Mount
January, 2006 ??Rev. 4
logo
Leshan Radio Company
MSB709-RT1 LRC-MSB709-RT1 Datasheet
40Kb / 1P
   PNP General Purpose Amplifier Transistor Surface Mount
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com