Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1200D60R2G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP1200D60R2G
Description  PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1200D60R2G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP1200D60R2G Datasheet HTML 5Page - ON Semiconductor NCP1200D60R2G Datasheet HTML 6Page - ON Semiconductor NCP1200D60R2G Datasheet HTML 7Page - ON Semiconductor NCP1200D60R2G Datasheet HTML 8Page - ON Semiconductor NCP1200D60R2G Datasheet HTML 9Page - ON Semiconductor NCP1200D60R2G Datasheet HTML 10Page - ON Semiconductor NCP1200D60R2G Datasheet HTML 11Page - ON Semiconductor NCP1200D60R2G Datasheet HTML 12Page - ON Semiconductor NCP1200D60R2G Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
NCP1200
http://onsemi.com
9
Power Dissipation
The NCP1200 is directly supplied from the DC rail
through the internal DSS circuitry. The current flowing
through the DSS is therefore the direct image of the
NCP1200 current consumption. The total power dissipation
can be evaluated using: (V
HVDC * 11 V) @ ICC2.
If we
operate the device on a 250 VAC rail, the maximum rectified
voltage can go up to 350 VDC. As a result, the worse case
dissipation occurs on the 100 kHz version which will
dissipate 340 . 1.8 mA@Tj = −25
°C = 612 mW (however
this 1.8 mA number will drop at higher operating
temperatures). Please note that in the above example, ICC2
is based on a 1 nF capacitor loading pin 5. As seen before,
ICC2 will depend on your MOSFET’s Qg: ICC2 = ICC1 + Fsw
x Qg. Final calculations shall thus account for the total
gate−charge Qg your MOSFET will exhibit. A DIP8
package offers a junction−to−ambient thermal resistance
of RqJ−A 100°C/W. The maximum power dissipation can
thus be computed knowing the maximum operating
ambient temperature (e.g. 70
°C) together with the
maximum
allowable
junction
temperature
(125
°C):
Pmax
+
T
Jmax * TAmax
R
R
qJ*A
= 550 mW. As we can see, we do not
reach the worse consumption budget imposed by the 100
kHz version. Two solutions exist to cure this trouble. The
first one consists in adding some copper area around the
NCP1200 DIP8 footprint. By adding a min−pad area of 80
mm2 of 35
m copper (1 oz.) RqJ−A drops to about 75°C/W
which allows the use of the 100 kHz version. The other
solutions are:
1. Add a series diode with pin 8 (as suggested in the
above lines) to drop the maximum input voltage
down to 222 V ((2
350)/pi) and thus dissipate
less than 400 mW
2. Implement a self−supply through an auxiliary
winding to permanently disconnect the self−supply.
SOIC−8 package offers a worse RqJ−A compared to that of
the DIP8 package: 178
°C/W. Again, adding some copper
area around the PCB footprint will help decrease this
number: 12 mm x 12 mm to drop RqJ−A down to 100°C/W
with 35
m copper thickness (1 oz.) or 6.5 mm x 6.5 mm with
70
m copper thickness (2 oz.). One can see, we do not
recommend using the SOIC package for the 100 kHz version
with DSS active as the IC may not be able to sustain the
power (except if you have the adequate place on your PCB).
However, using the solution of the series diode or the
self−supply through the auxiliary winding does not cause
any problem with this frequency version. These options are
thoroughly described in the AND8023/D.
Overload Operation
In applications where the output current is purposely not
controlled (e.g. wall adapters delivering raw DC level), it is
interesting to implement a true short−circuit protection. A
short−circuit actually forces the output voltage to be at a low
level, preventing a bias current to circulate in the
optocoupler LED. As a result, the FB pin level is pulled up
to 4.1 V, as internally imposed by the IC. The peak current
setpoint goes to the maximum and the supply delivers a
rather high power with all the associated effects. Please note
that this can also happen in case of feedback loss, e.g. a
broken optocoupler. To account for this situation, the
NCP1200 hosts a dedicated overload detection circuitry.
Once activated, this circuitry imposes to deliver pulses in a
burst manner with a low duty cycle. The system recovers
when the fault condition disappears.
During the startup phase, the peak current is pushed to the
maximum until the output voltage reaches its target and the
feedback loop takes over. This period of time depends on
normal output load conditions and the maximum peak
current allowed by the system. The time−out used by this IC
works with the VCC decoupling capacitor: as soon as the
VCC decreases from the VCCOFF level (typically 11.4 V) the
device internally watches for an overload current situation.
If this condition is still present when VCCON is reached, the
controller stops the driving pulses, prevents the self−supply
current source to restart and puts all the circuitry in standby,
consuming as little as 350
mA typical (ICC3 parameter). As
a result, the VCC level slowly discharges toward 0. When
this level crosses 6.3 V typical, the controller enters a new
startup phase by turning the current source on: VCC rises
toward 11.4 V and again delivers output pulses at the
UVLOH crossing point. If the fault condition has been
removed before UVLOL approaches, then the IC continues
its normal operation. Otherwise, a new fault cycle takes
place. Figure 20 shows the evolution of the signals in
presence of a fault.


Similar Part No. - NCP1200D60R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1200D60R2G ONSEMI-NCP1200D60R2G Datasheet
225Kb / 16P
   PWM Current?묺ode Controller for Low?뭁ower Universal Off?묹ine Supplies
September, 2006 ??Rev. 15
NCP1200D60R2G ONSEMI-NCP1200D60R2G Datasheet
287Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 ??Rev. 19
NCP1200D60R2G ONSEMI-NCP1200D60R2G Datasheet
432Kb / 18P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 - Rev. 19
More results

Similar Description - NCP1200D60R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1200 ONSEMI-NCP1200_15 Datasheet
287Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 ??Rev. 19
NCP1200 ONSEMI-NCP1200_V01 Datasheet
432Kb / 18P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 - Rev. 19
NCP1200 ONSEMI-NCP1200_09 Datasheet
359Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
December, 2009 ??Rev. 17
NCP1216P065 ONSEMI-NCP1216P065 Datasheet
287Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
DAP011 ONSEMI-DAP011 Datasheet
827Kb / 24P
   PWM Current−Mode Controller for High−Power Universal Off−Line Supplies
November, 2005 - Rev. 2
DAP018A ONSEMI-DAP018A Datasheet
792Kb / 28P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
July, 2009 - Rev. 0
NCP1216 ONSEMI-NCP1216 Datasheet
182Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
September, 2004 ??Rev. 8
NCP1216 ONSEMI-NCP1216_10 Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1216AP100G ONSEMI-NCP1216AP100G Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1200A ONSEMI-NCP1200A Datasheet
136Kb / 16P
   PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Low Standby Power
October, 2004??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com