Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K9G8G08U0A-P Datasheet(PDF) 42 Page - Samsung semiconductor

Part # K9G8G08U0A-P
Description  1G x 8 Bit / 2G x 8 Bit NAND Flash Memory
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9G8G08U0A-P Datasheet(HTML) 42 Page - Samsung semiconductor

Back Button K9G8G08U0A-P Datasheet HTML 37Page - Samsung semiconductor K9G8G08U0A-P Datasheet HTML 38Page - Samsung semiconductor K9G8G08U0A-P Datasheet HTML 39Page - Samsung semiconductor K9G8G08U0A-P Datasheet HTML 40Page - Samsung semiconductor K9G8G08U0A-P Datasheet HTML 41Page - Samsung semiconductor K9G8G08U0A-P Datasheet HTML 42Page - Samsung semiconductor K9G8G08U0A-P Datasheet HTML 43Page - Samsung semiconductor K9G8G08U0A-P Datasheet HTML 44Page - Samsung semiconductor K9G8G08U0A-P Datasheet HTML 45Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 42 / 45 page
background image
FLASH MEMORY
42
Preliminary
K9G8G08U0A
K9LAG08U1A
K9G8G08B0A
Paired Page Address Information
Paired Page Address
Paired Page Address
00h
04h
01h
05h
02h
08h
03h
09h
06h
0Ch
07h
0Dh
0Ah
10h
0Bh
11h
0Eh
14h
0Fh
15h
12h
18h
13h
19h
16h
1Ch
17h
1Dh
1Ah
20h
1Bh
21h
1Eh
24h
1Fh
25h
22h
28h
23h
29h
26h
2Ch
27h
2Dh
2Ah
30h
2Bh
31h
2Eh
34h
2Fh
35h
32h
38h
33h
39h
36h
3Ch
37h
3Dh
3Ah
40h
3Bh
41h
3Eh
44h
3Fh
45h
42h
48h
43h
49h
46h
4Ch
47h
4Dh
4Ah
50h
4Bh
51h
4Eh
54h
4Fh
55h
52h
58h
53h
59h
56h
5Ch
57h
5Dh
5Ah
60h
5Bh
61h
5Eh
64h
5Fh
65h
62h
68h
63h
69h
66h
6Ch
67h
6Dh
6Ah
70h
6Bh
71h
6Eh
74h
6Fh
75h
72h
78h
73h
79h
76h
7Ch
77h
7Dh
7Ah
7Eh
7Bh
7Fh
Note: When program operation is abnormally aborted (ex. power-down, reset), not only page data under program but also
paired page data may be damaged.


Similar Part No. - K9G8G08U0A-P

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9G4G08B0A SAMSUNG-K9G4G08B0A Datasheet
730Kb / 44P
   512M x 8 Bit / 1G x 8 Bit NAND Flash Memory
logo
STMicroelectronics
K9G4G08U STMICROELECTRONICS-K9G4G08U Datasheet
614Kb / 32P
   USB 2.0 high-speed Flash drive controller
logo
Samsung semiconductor
K9G4G08U0A-I SAMSUNG-K9G4G08U0A-I Datasheet
730Kb / 44P
   512M x 8 Bit / 1G x 8 Bit NAND Flash Memory
K9G4G08U0A-P SAMSUNG-K9G4G08U0A-P Datasheet
730Kb / 44P
   512M x 8 Bit / 1G x 8 Bit NAND Flash Memory
K9G4G08X0A SAMSUNG-K9G4G08X0A Datasheet
730Kb / 44P
   512M x 8 Bit / 1G x 8 Bit NAND Flash Memory
More results

Similar Description - K9G8G08U0A-P

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9WAG08U1A SAMSUNG-K9WAG08U1A Datasheet
1Mb / 49P
   1G x 8 Bit / 2G x 8 Bit NAND Flash Memory
K9WAG08U1M SAMSUNG-K9WAG08U1M Datasheet
1Mb / 49P
   1G x 8 Bit / 2G x 8 Bit NAND Flash Memory
K9K8G08U0B-PIB0000 SAMSUNG-K9K8G08U0B-PIB0000 Datasheet
1Mb / 48P
   1G x 8 / 2G x 8 Bit NAND Flash Memory
K9WAG08U1A_067 SAMSUNG-K9WAG08U1A_067 Datasheet
1Mb / 50P
   1G x 8 Bit / 2G x 8 Bit / 4G x 8 Bit NAND Flash Memory
K9XXG08UXA SAMSUNG-K9XXG08UXA_06 Datasheet
1Mb / 50P
   1G x 8 Bit / 2G x 8 Bit / 4G x 8 Bit NAND Flash Memory
K9L8G08U1A SAMSUNG-K9L8G08U1A Datasheet
730Kb / 44P
   512M x 8 Bit / 1G x 8 Bit NAND Flash Memory
K9XXG08UXM SAMSUNG-K9XXG08UXM_V01 Datasheet
1Mb / 51P
   2G x 8 Bit NAND Flash Memory
K9WBG08U1M SAMSUNG-K9WBG08U1M Datasheet
1Mb / 67P
   2G x 8 Bit / 4G x 8 Bit / 8G x 8 Bit NAND Flash Memory
K9K2G08U1A SAMSUNG-K9K2G08U1A Datasheet
1,008Kb / 37P
   128M x 8 Bit / 256M x 8 Bit NAND Flash Memory
K9F6408Q0C SAMSUNG-K9F6408Q0C Datasheet
499Kb / 29P
   8M x 8 Bit Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com